Electronic Components Datasheet Search
  English  ▼

X  

AD883B Datasheet(PDF) 14 Page - Analog Devices

Part # AD883B
Description  Low Cost, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 14 Page - Analog Devices

Back Button AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices AD883B Datasheet HTML 10Page - Analog Devices AD883B Datasheet HTML 11Page - Analog Devices AD883B Datasheet HTML 12Page - Analog Devices AD883B Datasheet HTML 13Page - Analog Devices AD883B Datasheet HTML 14Page - Analog Devices AD883B Datasheet HTML 15Page - Analog Devices AD883B Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD620
REV. E
–14–
COMMON-MODE REJECTION
Instrumentation amplifiers like the AD620 offer high CMR,
which is a measure of the change in output voltage when both
inputs are changed by equal amounts. These specifications are
usually given for a full-range input voltage change and a speci-
fied source imbalance.
For optimal CMR the reference terminal should be tied to a low
impedance point, and differences in capacitance and resistance
should be kept to a minimum between the two inputs. In many
applications shielded cables are used to minimize noise, and for
best CMR over frequency the shield should be properly driven.
Figures 39 and 40 show active data guards that are configured
to improve ac common-mode rejections by “bootstrapping” the
capacitances of input cable shields, thus minimizing the capaci-
tance mismatch between the inputs.
REFERENCE
VOUT
AD620
100
100
– INPUT
+ INPUT
AD648
RG
–VS
+VS
–VS
Figure 39. Differential Shield Driver
100
– INPUT
+ INPUT
REFERENCE
VOUT
AD620
–VS
+VS
2
RG
2
RG
AD548
Figure 40. Common-Mode Shield Driver
GROUNDING
Since the AD620 output voltage is developed with respect to the
potential on the reference terminal, it can solve many grounding
problems by simply tying the REF pin to the appropriate “local
ground.”
In order to isolate low level analog signals from a noisy digital
environment, many data-acquisition components have separate
analog and digital ground pins (Figure 41). It would be conve-
nient to use a single ground line; however, current through
ground wires and PC runs of the circuit card can cause hun-
dreds of millivolts of error. Therefore, separate ground returns
should be provided to minimize the current flow from the sensi-
tive points to the system ground. These ground returns must be
tied together at some point, usually best at the ADC package as
shown.
DIGITAL P.S.
+5V
C
ANALOG P.S.
+15V C –15V
AD574A
DIGITAL
DATA
OUTPUT
+
1 F
AD620
0.1 F
AD585
S/H
ADC
0.1 F
1 F 1 F
Figure 41. Basic Grounding Practice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com