Electronic Components Datasheet Search
  English  ▼

X  

P7639 Datasheet(PDF) 2 Page - ETAL Group

Part # P7639
Description  HIGH CURRENT MOLDED POWER INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7639 Datasheet(HTML) 2 Page - ETAL Group

  P7639 Datasheet HTML 1Page - ETAL Group P7639 Datasheet HTML 2Page - ETAL Group P7639 Datasheet HTML 3Page - ETAL Group P7639 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT DATA SHEET
P7639
SPECIFICATIONS
Notes:
a) Test Freq. : 100KHz/ 1V
b) Ambient Temp. : 25°C
c) Operating Temp. : -40°C to +125°C
ELECTRICAL
P7639-0312-4R7M
4,70
2,80
266,00
1,00
P7639-0312-2R2M
2,20
3,40
98,00
1,00
10,00
1,00
1,40
P7639-0312-8R2M
8,20
1,70
420,00
498,00
1,00
P7639-0312-100M
P7639-0312-1R0M
1,00
5,50
50,00
1,00
P7639-0312-6R8M
6,80
2,00
360,00
1,00
P7639-0312-R47M
0,47
7,20
25,00
1,00
P7639-0312-3R3M
3,30
3,10
191,00
1,00
Part No.
Inductance (µH) L0
( µH )
Isat ( A ) Typ.
DCR (mΩ) 25°C
Height (mm)
P7639-0312-1R5M
1,50
4,00
71,00
1,00
P7639-0312-R68M
0,68
6,10
34,00
1,00
c) Operating Temp. : -40°C to +125°C
d) Storage Temp. : -10°C to +40°C
e) Humidity Range. : 50~60% RH (Product without taping)
f) Heat Rated Current (Irms) will cause the coil temperature rise approximately t of 40°C. (keep 1min)
g) Saturation Current (Isat 1) will cause L0 to drop 30% typical. (keep quickly)
h) Part Temperature (Ambient+Temp.Rise): Should not exceed 125°C under worst case operating conditions.
Unit: mm
MARKING
- Manufacturer
- Product Code (Height code + Inductance code)
- Manufacturing Date Code
CONSTRUCTION
A
B
C
D
E
3,5±0,2
3,2±0,2
1,0±0,2
0,7±0,2
1,2±0,2
ETALDOC 1025/2
2 of 4
2012-11-06



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com