Electronic Components Datasheet Search
  English  ▼

X  

P7639 Datasheet(PDF) 1 Page - ETAL Group

Part # P7639
Description  HIGH CURRENT MOLDED POWER INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7639 Datasheet(HTML) 1 Page - ETAL Group

  P7639 Datasheet HTML 1Page - ETAL Group P7639 Datasheet HTML 2Page - ETAL Group P7639 Datasheet HTML 3Page - ETAL Group P7639 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATA SHEET
HIGH CURRENT MOLDED POWER INDUCTOR
P7639 Family
Features
Applications
•
Lead free (Pb-free)
Energy storage choke for
•
RoHS compliant
•
DC/DC Converters
•
Very low DC resistance
•
VRM modules
•
Very high current rating
•
POL Converters
•
Low profile
•
Flat top for pick & place
•
Shielded
The P7639 family comprises of medium high
The P7639 family is compliant with RoHS Directive
current shielded power choke coil in low profile size.
2002/95/EC and suitable for lead-free and conventional
placement and reflow.
The products self-leaded construction consist of ferrite
core and helical coil from enamel-coated copper wire.
The range covers inductance values from 0.47µH to 10µH,
and provides compact solutions for high power
DESCRIPTION
and provides compact solutions for high power
applications with saturation currents ranging between
1,4 A to 7,2 A.
ETALDOC 1025/2
1 of 4
2012-11-06


Similar Part No. - P7639

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7631 ETAL-P7631 Datasheet
434Kb / 5P
HIGH CURRENT MOLDED POWER INDUCTOR
logo
TEKTRONIX, INC.
P7633 TEKTRONIX-P7633 Datasheet
516Kb / 10P
P7600 Series TriMode??Probes
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
SMD POWER CHOKE COIL
P7636 ETAL-P7636 Datasheet
605Kb / 4P
HIGH CURRENT MOLDED POWER INDUCTOR
P7637 ETAL-P7637 Datasheet
317Kb / 5P
HIGH CURRENT MOLDED POWER INDUCTOR
More results

Similar Description - P7639

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7631 ETAL-P7631 Datasheet
434Kb / 5P
HIGH CURRENT MOLDED POWER INDUCTOR
P7637 ETAL-P7637 Datasheet
317Kb / 5P
HIGH CURRENT MOLDED POWER INDUCTOR
P7638 ETAL-P7638 Datasheet
289Kb / 5P
HIGH CURRENT MOLDED POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT Datasheet
247Kb / 5P
High Current Molded Power Inductor
PA4341.101NLT PULSE-PA4341.101NLT Datasheet
286Kb / 7P
High Current Molded Power Inductor
PA4344.102NLT PULSE-PA4344.102NLT Datasheet
269Kb / 5P
High Current Molded Power Inductor
PA5400 PULSE-PA5400 Datasheet
1Mb / 4P
High Current Molded Power Inductor
PA5401 PULSE-PA5401 Datasheet
1Mb / 4P
High Current Molded Power Inductor
PA5404 PULSE-PA5404 Datasheet
2Mb / 5P
High Current Molded Power Inductor
PA5405 PULSE-PA5405 Datasheet
1Mb / 4P
High Current Molded Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com