Electronic Components Datasheet Search
  English  ▼

X  

P7640 Datasheet(PDF) 2 Page - ETAL Group

Part # P7640
Description  HIGH CURRENT POWER INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7640 Datasheet(HTML) 2 Page - ETAL Group

  P7640 Datasheet HTML 1Page - ETAL Group P7640 Datasheet HTML 2Page - ETAL Group P7640 Datasheet HTML 3Page - ETAL Group P7640 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT DATA SHEET
P7640
SPECIFICATIONS
Notes:
a) Operating Temp. : -40°C to +125°C
b) Heat Rated Current (Irms, A) will cause the coil temperature rise approximately t of 40°C without core loss
c) Saturation Current (Isat, A) will cause L0 to drop 20% typical
d) Part Temperature (Ambient+Temp.Rise): Should not exceed 125°C under worst case operating conditions.
Unit: mm
MARKING
- Product Code (Inductance code)
- Manufacturing Date Code
ELECTRICAL
CONSTRUCTION
Isat ( A )
Max.
70
70
52
40
33
70
70
52
40
33
25
P7640-1005-R22M-R55
0.220 ± 20%
0.25V/1M
0.55
31
P7640-1005-R15M-R55
0.155 ± 20%
0.25V/1M
0.55
31
P7640-1005-R12M-R55
0.120 ± 20%
0.25V/1M
0.55
31
P7640-1005-R10M-R55
0.100 ± 20%
0.25V/1M
0.55
31
P7640-1005-85NM-R55
0.085 ± 20%
0.25V/1M
0.55
31
P7640-1005-R22M-R39
0.220 ± 20%
0.25V/1M
0.39
25
P7640-1005-R15M-R39
0.155 ± 20%
0.25V/1M
0.39
31
P7640-1005-R12M-R39
0.120 ± 20%
0.25V/1M
0.39
31
P7640-1005-R10M-R39
0.100 ± 20%
0.25V/1M
0.39
Irms ( A )
Max.
P7640-1005-85NM-R39
0.085 ± 20%
0.25V/1M
0.39
31
Part No.
Inductance L0 ( uH )
Test Freq. ( Hz )
DCR ( m
)
± 9.4%
1.52± 0.25
2.03± 0.25
6.35± 0.25
3.05± 0.25
10.2 Max.
7.0 Max.
4.96 Max. 2.49± 0.25
E
G
H
I
A
B
C
D
ETALDOC 1026/1
2 of 4
2012-06-20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com