Electronic Components Datasheet Search
  English  ▼

X  

P7640 Datasheet(PDF) 1 Page - ETAL Group

Part # P7640
Description  HIGH CURRENT POWER INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7640 Datasheet(HTML) 1 Page - ETAL Group

  P7640 Datasheet HTML 1Page - ETAL Group P7640 Datasheet HTML 2Page - ETAL Group P7640 Datasheet HTML 3Page - ETAL Group P7640 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATA SHEET
HIGH CURRENT POWER INDUCTOR
P7640 Family
Features
Applications
•
Lead free (Pb-free)
Energy storage choke for
•
RoHS compliant
•
DC/DC Converters
•
Very low DC resistance
•
VRM modules
•
Very high current rating
•
POL Converters
•
Low profile
•
Flat top for pick & place
•
Shielded
The P7640 family comprises of very high
The P7640 family is compliant with RoHS Directive
current shielded power choke coil in low profile size.
2002/95/EC and suitable for lead-free and conventional
placement and reflow.
The products self-leaded construction consist of ferrite
core and helical coil from enamel-coated copper wire.
The range covers inductance values from 0.085µH to 0.22µH,
and provides compact solutions for high power
applications with saturation currents ranging between
33 A to 70 A.
DESCRIPTION
ETALDOC 1026/1
1 of 4
2012-06-20


Similar Part No. - P7640

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7641 ETAL-P7641 Datasheet
502Kb / 4P
HIGH CURRENT MOLDED POWER INDUCTOR
P7642 ETAL-P7642 Datasheet
1Mb / 14P
SMD POWER INDUCTOR
P7643 ETAL-P7643 Datasheet
1,003Kb / 4P
SMD POWER INDUCTOR
P7644 ETAL-P7644 Datasheet
1Mb / 5P
SMD POWER INDUCTOR
P7645 ETAL-P7645 Datasheet
1,022Kb / 4P
SMD FERRITE BEAD
More results

Similar Description - P7640

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com