Electronic Components Datasheet Search
  English  ▼

X  

P7645 Datasheet(PDF) 2 Page - ETAL Group

Part # P7645
Description  SMD FERRITE BEAD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7645 Datasheet(HTML) 2 Page - ETAL Group

  P7645 Datasheet HTML 1Page - ETAL Group P7645 Datasheet HTML 2Page - ETAL Group P7645 Datasheet HTML 3Page - ETAL Group P7645 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT DATA SHEET
ELECTRICAL CHARACTERISTICS:
1210 (3225) size
GENERAL SPECIFICATION:
Temperature rise 30°C Max
Rated current based on temperature rise
Storage temperarture -55°C to +125°C
Operating temperature -55°C to 125°C
Resistance to solder heat 260°C fo 10 seconds
CHARACTERISTICS CURVES:
0,03
0,03
P7645-1210-200
(Ω
Ω
Ω
Ω)
max
Impedance
Test Frequency
(MHz)
4000
4000
(Ω
Ω
Ω
Ω)
0,02
5000
P7645-1210-900
P7645-1210-600
RDC
Ir (mA)
90 ±25%
100
0,10
2000
SPECIFICATIONS
Part No
60 ±25%
100
200 ±25%
P7645-1210-151
150 ±25%
100
100
ETALDOC 10373/1
2 of 4
2012-09-12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com