Electronic Components Datasheet Search
  English  ▼

X  

P7645 Datasheet(PDF) 1 Page - ETAL Group

Part # P7645
Description  SMD FERRITE BEAD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7645 Datasheet(HTML) 1 Page - ETAL Group

  P7645 Datasheet HTML 1Page - ETAL Group P7645 Datasheet HTML 2Page - ETAL Group P7645 Datasheet HTML 3Page - ETAL Group P7645 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATA SHEET
SMD FERRITE BEAD
P7645 SERIES
Features
Applications
•
Lead free (Pb-free)
•
DC-DC Converters
•
RoHS compliant
•
Notebook and handheld equipment
•
Resistance to solder heat: 260ºC , 10 sec
•
LCD TV sets
•
Surface Mount
•
Consumer products
•
Low profile
•
Flat top for pick & place
The P7645 series comprises of large current,
The P7645 series is compliant with RoHS Directive
ferrite bead in low profile size (1.5 mm max.).
2002/95/EC and suitable for lead-free and conventional
placement and reflow.
The range covers inductance values from 60Ω to 200Ω,
and provides compact solutions for medium power
applications.
DESCRIPTION
ETALDOC 10373/1
1 of 4
2012-09-12


Similar Part No. - P7645

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7640 ETAL-P7640 Datasheet
322Kb / 4P
HIGH CURRENT POWER INDUCTOR
P7641 ETAL-P7641 Datasheet
502Kb / 4P
HIGH CURRENT MOLDED POWER INDUCTOR
P7642 ETAL-P7642 Datasheet
1Mb / 14P
SMD POWER INDUCTOR
P7643 ETAL-P7643 Datasheet
1,003Kb / 4P
SMD POWER INDUCTOR
P7644 ETAL-P7644 Datasheet
1Mb / 5P
SMD POWER INDUCTOR
More results

Similar Description - P7645

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427924 WURTH-7427924 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
74279201 WURTH-74279201 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
74279214 WURTH-74279214 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
74279271 WURTH-74279271 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
742792642 WURTH-742792642 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
logo
XFMRS Inc.
XF4545Z131R-01 XFMRS-XF4545Z131R-01 Datasheet
41Kb / 1P
FERRITE BEAD
XFRH35X75X08 XFMRS-XFRH35X75X08 Datasheet
28Kb / 1P
Ferrite Bead
logo
TAI-TECH Advanced Elect...
BPH853025R5-101T TAI-TECH-BPH853025R5-101T Datasheet
186Kb / 2P
Ferrite Bead
BPH403025R5-530T TAI-TECH-BPH403025R5-530T Datasheet
180Kb / 2P
Ferrite Bead
BPH323023W5-400T TAI-TECH-BPH323023W5-400T Datasheet
189Kb / 2P
Ferrite Bead
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com