Electronic Components Datasheet Search
  English  ▼

X  

P7646 Datasheet(PDF) 2 Page - ETAL Group

Part # P7646
Description  SMD POWER INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7646 Datasheet(HTML) 2 Page - ETAL Group

  P7646 Datasheet HTML 1Page - ETAL Group P7646 Datasheet HTML 2Page - ETAL Group P7646 Datasheet HTML 3Page - ETAL Group P7646 Datasheet HTML 4Page - ETAL Group P7646 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRODUCT DATA SHEET
ELECTRICAL CHARACTERISTICS:
0603 (1608) size
Packing:
Paper carrier (47N - 3R9)
Inductance tolerance:
K: ±10%
Embossed Carrier Tape (4R7 - 100)
M: ±20%
GENERAL SPECIFICATION:
Temperature rise 30°C Max
Rated current based on temperature rise
Storage temperarture -40°C to +85°C
Operating temperature -40°C to 85°C
Resistance to solder heat 260°C fo 10 seconds
50
50
50
I rated
(mA)
50
50
50
50
SPECIFICATIONS
Part No
10
P7646-0603-82N
10
15
P7646-0603-68N
P7646-0603-47N
SRF min
DCR max
10
250
0,30
15
165
P7646-0603-R15
0,60
240
P7646-0603-R12
15
205
P7646-0603-R10
(Ω
Ω
Ω
Ω)
Test frequency
(MHz)
0,50
0,30
(MHz)
260
245
0,30
P7646-0603-R22
15
150
0,80
50
0,50
15
180
0,60
P7646-0603-R18
35
P7646-0603-R27
15
136
0,80
50
P7646-0603-R39
15
110
1,00
35
Inductance
P7646-0603-R33
15
125
0,85
P7646-0603-R47
15
105
1,35
35
0,470
P7646-0603-R56
15
95
1,55
35
0,560
P7646-0603-R68
15
80
1,70
35
0,680
P7646-0603-R82
15
75
2,10
35
0,820
P7646-0603-1R0
30
70
0,60
25
1,000
P7646-0603-1R2
30
60
0,80
25
1,200
P7646-0603-1R5
30
55
0,80
25
1,500
P7646-0603-1R8
30
50
0,95
25
1,800
P7646-0603-2R2
30
45
1,15
15
2,200
P7646-0603-2R7
30
40
1,35
15
2,700
P7646-0603-3R3
30
38
1,55
15
3,300
P7646-0603-3R9
30
36
1,70
15
3,900
P7646-0603-4R7
30
33
2,10
15
4,700
P7646-0603-5R6
30
22
1,55
15
5,600
P7646-0603-6R8
30
20
1,70
15
6,800
P7646-0603-8R2
30
18
2,10
15
8,200
P7646-0603-100
30
17
2,55
15
10,000
0,047
0,068
0,330
0,390
0,120
(µH)
0,180
0,150
0,220
0,270
0,082
0,100
ETALDOC 10374/1
2 of 5
2012-09-13



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com