Electronic Components Datasheet Search
  English  ▼

X  

P7646 Datasheet(PDF) 1 Page - ETAL Group

Part # P7646
Description  SMD POWER INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7646 Datasheet(HTML) 1 Page - ETAL Group

  P7646 Datasheet HTML 1Page - ETAL Group P7646 Datasheet HTML 2Page - ETAL Group P7646 Datasheet HTML 3Page - ETAL Group P7646 Datasheet HTML 4Page - ETAL Group P7646 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT DATA SHEET
SMD POWER INDUCTOR
P7646 SERIES
Features
Applications
•
Lead free (Pb-free)
•
DC-DC Converters
•
RoHS compliant
•
Notebook and handheld equipment
•
Resistance to solder heat: 260ºC , 10 sec
•
LCD TV sets
•
Surface Mount
•
Consumer products
•
Low profile
•
Flat top for pick & place
The P7646 series comprises of low current,
The P7646 series is compliant with RoHS Directive
ferrite chip inductors in low profile size (0.95 mm max.).
2002/95/EC and suitable for lead-free and conventional
placement and reflow.
The range covers inductance values from 0,047 µH to 10µH,
and provides compact solutions for low power applications.
DESCRIPTION
ETALDOC 10374/1
1 of 5
2012-09-13


Similar Part No. - P7646

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7640 ETAL-P7640 Datasheet
322Kb / 4P
HIGH CURRENT POWER INDUCTOR
P7641 ETAL-P7641 Datasheet
502Kb / 4P
HIGH CURRENT MOLDED POWER INDUCTOR
P7642 ETAL-P7642 Datasheet
1Mb / 14P
SMD POWER INDUCTOR
P7643 ETAL-P7643 Datasheet
1,003Kb / 4P
SMD POWER INDUCTOR
P7644 ETAL-P7644 Datasheet
1Mb / 5P
SMD POWER INDUCTOR
More results

Similar Description - P7646

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com