Electronic Components Datasheet Search
  English  ▼

X  

AD6411 Datasheet(PDF) 8 Page - Analog Devices

Part # AD6411
Description  DECT RF Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6411 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6411 Datasheet HTML 3Page - Analog Devices AD6411 Datasheet HTML 4Page - Analog Devices AD6411 Datasheet HTML 5Page - Analog Devices AD6411 Datasheet HTML 6Page - Analog Devices AD6411 Datasheet HTML 7Page - Analog Devices AD6411 Datasheet HTML 8Page - Analog Devices AD6411 Datasheet HTML 9Page - Analog Devices AD6411 Datasheet HTML 10Page - Analog Devices AD6411 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AD6411
–8–
REV. 0
One-Time Setup Register Bit Definitions
RSB: Receive Control Line Sense Bit
RSB
Function
0
Receive Section POWER UP Active HIGH
1
Receive Section POWER UP Active LOW
TSB: Transmit Control Line Sense Bit
TSB
Function
0
Transmit Section POWER UP Active HIGH
1
Transmit Section POWER UP Active LOW
SSB: Synthesizer Control Line Sense Bit
SSB
Function
0
Synthesizer POWER UP Active LOW
1
Synthesizer POWER UP Active HIGH
RXM1, RXM0: Divider Power Mode In Active Receive Slot
RXM1
RXM0
Function
0
0
Dividers Powered Down, VCO Fly-
wheeled in Active Receive Mode
0
1
Dividers Powered Up, VCO Fly-
wheeled in Active Receive Mode
1
0
Dividers Powered Up, VCO Locked
to Synthesizer in Active Receive Mode
1
1
Dividers Powered Up, VCO Locked
to Synthesizer in Active Receive Mode
TXM: Divider Power Mode In Active Transmit Slot
TXM
Function
0
Dividers Powered Down, VCO Flywheeled in
Active Mode
1
Dividers Powered Up, VCO Flywheeled in Active
Mode
BSWS: Band Switch Sense (Control with External Lines)
BSWS
Function
0
Band Switch Output High in Receive Slot, PIN
Diode ON
1
Band Switch Output Low in Receive Slot, PIN
Diode ON
CF0: Configuration Bit 0
CF0
Function
0
Use Serial Interface for Mode Control
1
Use External Control Lines for Mode Control
CT1, CT0: Charge Pump Test Bits
CT1
CT0
Function
0
0
Three-State Output
0
1
Force Pump UP Current (Nom 1 mA)
1
0
Force Pump DOWN Current (Nom 1 mA)
1
1
Normal Operation (Driven from PFD)
DSD: Disable Data Slicer
DSD
Function
0
Disable On-Chip Data Slicer. Analog Output at Pin
DEMOD_DATA
1
Enable On-Chip Data Slicer. Digital Output at Pin
DEMOD_DATA
DSD bit is configured at power-up depending on whether an
external data slicer is being used in the system. Data slicer is
disabled when the IF strip is powered down irrespective of the
status of bit DSD.
SFM: S-Field Mode
SFM
Function
0
Normal Demodulation Mode
1
S-Field Sampling Mode
PDS: Phase Detector Sense
PDS
Function
0
PFD Pumps UP when Fvco > Fref
1
PFD Pumps UP when Fref > Fvco
RD: Reference Divide Ratio
RD
Function
0
Reference Frequency = 10.368 MHz
1
Reference Frequency = 13.824 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com