Electronic Components Datasheet Search
  English  ▼

X  

AD6411 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6411
Description  DECT RF Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6411 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6411 Datasheet HTML 3Page - Analog Devices AD6411 Datasheet HTML 4Page - Analog Devices AD6411 Datasheet HTML 5Page - Analog Devices AD6411 Datasheet HTML 6Page - Analog Devices AD6411 Datasheet HTML 7Page - Analog Devices AD6411 Datasheet HTML 8Page - Analog Devices AD6411 Datasheet HTML 9Page - Analog Devices AD6411 Datasheet HTML 10Page - Analog Devices AD6411 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD6411
–9–
REV. 0
CONTROLLING THE AD6411 OPERATING MODE
Table IV. Operating Mode Control Register
D15
D14
D13
D12
D11
D10
D9
D8
M0
A4
A3
A2
A1
A0
IF/RSSI RXMixer
D7
D6
D5
D4
D3
D2
D1
D0
DMOD
DIV
CP
TX
UHF
BSW
REGS
1
BUF
VCO
The operating mode register, loaded through the serial port
when the LSB is “1,” allows any circuit block to be indepen-
dently powered on or off. This can be bypassed to enable mode
control of the IC via the three external control lines. Transitions
between major DECT modes can be made with a single word
program (including channel change) when using the serial inter-
face only. Table V defines the bit status for the various IC oper-
ating modes when used with the serial interface only.
Table V. Bit Status for the Different Operating Modes
Data Bits
(D9...D0)
Operating
Mode Register
Function
Comments
00 0000 0101
All Off Mode
All Circuits Off
00 0000 0111
Stand-By Mode
Regulators On
00 0111 1111
Prior to TX Slot
VCO, TX Buffer,
Dividers, Charge Pump,
Regulators Active,
VREF (1.4 V) Active
00 0101 1111
Active TX Slot
VCO, TX Buffer, Di-
viders, Regulator
Circuits Active,
VREF (1.4 V) Active1
00 1110 1011
Prior to RX Slot
VCO2, Dividers, Charge
Pump, Regulators, De-
modulator Precharge
Circuits Active,
VREF (1.4 V) Active
11 1100 1011
Active RX Slot
RX Mixer, VCO
2, Divid-
ers, Regulators, De-
modulator, Receive
Strip Circuits Active,
VREF (1.4 V) Active
NOTES
1Alternatively it may be possible to power-down the dividers in an active trans-
mit slot depending on the effect of thermal transients on VCO pulling. In this
mode the dividers are biased but inactive. This can also be implemented when
external control lines are used with bits TXM, RXM1, RXM0.
2Band switch output is determined by the status of BSW. Band switch output is
Low when BSW is high, high when BSW is low. In Table V, band switch
output is high for AcRx and PrRx slots, otherwise it is low.
CHANNEL SELECTION/FREQUENCY CONTROL
The M0 and A4–A0 bits in the operating mode register control
the channel selection for the AD6411 synthesizer. The M0 bit
selects the M Counter division ratio.
M0: M Counter Divide Ratio
M0
Function
0
M Divide Ratio 32
1
M Divide Ratio 34
The A4 through A0 bits control the A counter division ratio,
and control the channel selection. Refer to the section of this
data sheet on Synthesizer Programming for a mapping of chan-
nel frequency to synthesizer divider words.
A4–A0: A Counter Division Ratio
“A”
A4
A3
A2
A1
A0
000000
100001
200010
300011
––––––
30
11110
31
11111
ANALOG/RF INTERFACE DETAILS
The AD6411 is an advanced 1.9 GHz radio transceiver circuit
and requires careful attention to the selection of external com-
ponents. The AD6411 is readily capable of performance that
meets the ETS-300-176-1 (formerly TBR06) DECT radio
specifications. This section of the data sheet will describe sug-
gestions for external componentry that will allow the design of a
complete DECT RF transceiver.
Low Noise Amplifier
An external LNA is required to meet the RF leakage specifica-
tions in ETS-300-176-1. The following circuit, based on a Si-
emens BFP405 discrete transistor, is representative of a suitable
LNA. The SC1.89 SAW filter removes images prior to the down
converter. The filter is matched to the AD6411 input with a
printed inductor and fixed capacitor. Complete details of the
circuit, with transmission-line dimensions, can be found in
Siemens Application Note No. 020.
RF IN
22pF
TL2
TL3
TL1
39k
100pF
100
TL6
10
BFP405
33pF
TL5
10pF
10nF
+3V
RF OUT
TL4
33pF
Figure 4. LNA circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com