Electronic Components Datasheet Search
  English  ▼

X  

AD6432 Datasheet(PDF) 17 Page - Analog Devices

Part # AD6432
Description  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6432 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6432 Datasheet HTML 12Page - Analog Devices AD6432 Datasheet HTML 13Page - Analog Devices AD6432 Datasheet HTML 14Page - Analog Devices AD6432 Datasheet HTML 15Page - Analog Devices AD6432 Datasheet HTML 16Page - Analog Devices AD6432 Datasheet HTML 17Page - Analog Devices AD6432 Datasheet HTML 18Page - Analog Devices AD6432 Datasheet HTML 19Page - Analog Devices AD6432 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD6432
–17–
REV. 0
Table II. Connector Signal Description
Pin
Name
Description
GND
Analog and Power Ground.
ITXP
I Channel Transmit Plus Modulation Input.
ITXN
I Channel Transmit Minus Modulation Input.
QTXP
Q Channel Transmit Plus Modulation Input.
QTXN
Q Channel Transmit Minus Input.
TXPU
Transmit Section Power-Up. This function is
also jumper selectable with J21.
PCAM
Auxiliary Op Amp Minus Input.
PCAP
Auxiliary Op Amp Plus Input.
VS2
Power control op amp supply 2.7 V dc–3.6 V dc.
The jumper, J26, connects VS1 and VS2 together.
VS1
AD6432 main supply 2.7 V dc–3.6 V dc.
PCAO
Auxiliary Op Amp Output.
IFS0
Selects IF Pin. This function is also jumper pro-
grammable with J25.
IRXP
I Channel Receive Plus Modulation Output.
IRXN
I Channel Receive Minus Modulation Output.
QRXP
Q Channel Receive Plus Modulation Output.
QRXN
Q Channel Receive Plus Modulation Output.
GREF
The AD6432 gain reference bias which is optimized
for 1.2 V dc. This may be externally supplied; or by
shorting J23, supplied directly from the AD1580
SOT-23 onboard, 1.2 V reference.
GAIN
Max RX gain occurs at 0.2 V dc. Minimum gain
occurs at 2.4 V dc.
RXPU
Receive Section Power-Up. This function is also
jumper selectable with J22.
Power Requirements
The evaluation board uses two supplies, VS1 and VS2.
VS1—2.7 V dc–3.6 V dc, 13 mA typical. This is the main sup-
ply for the AD6432.
VS2—2.7 V dc–3.6 V dc, 2 mA typical. This is the supply for
the on-chip op amp which is normally used in RF power control
circuits.
The op amp is active only in the Transmit mode.
Table III. SMA End-Launch Connectors
SMA
Connector Description
MODO
Transmit Modulator Output. This pin, which is
designed to drive a 150
Ω filter, has been resistively
matched (loss) onboard to drive a 50
Ω instrument
such as a spectrum analyzer.
LOIP
Local Oscillator Input pin. This is actually fed with
twice the LO frequency from a generator for both
transmit and receive. The nominal LO level is
–16 dBm (50
Ω).
OPTLO
Optional differential minus local oscillator input
(transformer can be removed).
RFHI
RF input
MXOP
Mixer Output (optional output that may be converted
to single ended output with an RF transformer).
IFHI
IF Input (optional single ended input that may be
converted to differential with an RF transformer).
FREF
Frequency Reference for phase locked receive de-
modulator. The internal VCO frequency is equal to
FREF in the 1X mode and equal to two times FREF
in the 2X mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com