Electronic Components Datasheet Search
  English  ▼

X  

AD6432 Datasheet(PDF) 18 Page - Analog Devices

Part # AD6432
Description  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6432 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6432 Datasheet HTML 12Page - Analog Devices AD6432 Datasheet HTML 13Page - Analog Devices AD6432 Datasheet HTML 14Page - Analog Devices AD6432 Datasheet HTML 15Page - Analog Devices AD6432 Datasheet HTML 16Page - Analog Devices AD6432 Datasheet HTML 17Page - Analog Devices AD6432 Datasheet HTML 18Page - Analog Devices AD6432 Datasheet HTML 19Page - Analog Devices AD6432 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD6432
–18–
REV. 0
4
6
12
3
4
6
12
3
MXOP
R6
OPEN
C18
OPEN
L1
OPEN
L2
SHORT
L3
SHORT
C16
22pF
C19
22pF
C20
82pF
L4
0.39 H
R13
OPEN
T2
C42
0.01 F
R3
49.9
Ω
C1
100pF
R9
84
Ω
MODO
R25
1k
Ω
C29
0.1 F
R34
0
Ω
C11
0.01 F
C10
1nF
C32
0.1 F
VS2
VPDV
DECOUPLING
VS1
R2
0
Ω
R23
123
Ω
QTXN
QTXP
ITXN
PCAP
R30
1k
Ω
C5
0.01 F
R12
0
Ω
R1
1k
Ω
R14
125
Ω
R8
0
Ω
IFS1
IFS0
C36
1nF
R6
0
Ω
C41
0.01 F
C17
0.1 F
C23
0.01 F
R7
0
Ω
C6
47pF
C8
47pF
IRXP
IRXN
QRXP
QXRN
C28
0.1 F
VPTX
DECOUPLING
C14
0.01 F
C15
100pF
LOIP
ITXP
VS1
RFHI
C2
100pF
R31
0
Ω
VS1
C30
0.1 F
C3
0.01 F
RXPU
GAIN
GREF
PCAO
FREF
VS1
C21
0.1 F
J22
VS1
C44
0.01 F
TP1580
R16
10k
Ω
Q1
J23
VS1
R35
125
Ω
OPTLO
R20
OPEN
TXPU
PCAM
R39
OPEN
VS1
R19
20k
Ω
J21
VS1
J26
R17
20k
Ω
R18
20k
Ω
ITXP
ITXN
QTXP
QTXP
TXPU
PCAM
PCAP
PCAO
IFS0
GND
IRXP
IRXN
QRXP
QRXN
GREF
GAIN
RXPU
GND
C50
4.7 F
C12
4.7 F
TX
20A 20B
VS2
VS1
J24
J25
29
30
31
32
33
27
28
25
26
23
24
40 39 38
41
42
43
44
36 35 34
37
12 13
14 15 16 17 18 19 20 21 22
3
4
5
6
7
1
2
10
11
8
9
VPDV
MODO
GND
CMTX
LOLO
LOHI
CMRX
GND
RFLO
RFHI
GND
FREF
GND
IFS0
CMDM
FLTR
VPFL
VPDM
IRXP
IRXN
QRXP
QRXN
AD6432
TOP VIEW
(Pins Down)
R21
0
Ω
C18
0.1 F
1
2
3
4
6 T1
R15
20k
Ω
IFIP
T3
C43
0.01 F
Figure 38. Evaluation Board Schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com