Electronic Components Datasheet Search
  English  ▼

X  

AD677JD Datasheet(PDF) 15 Page - Analog Devices

Part # AD677JD
Description  16-Bit 100 kSPS Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD677JD Datasheet(HTML) 15 Page - Analog Devices

Back Button AD677JD Datasheet HTML 8Page - Analog Devices AD677JD Datasheet HTML 9Page - Analog Devices AD677JD Datasheet HTML 10Page - Analog Devices AD677JD Datasheet HTML 11Page - Analog Devices AD677JD Datasheet HTML 12Page - Analog Devices AD677JD Datasheet HTML 13Page - Analog Devices AD677JD Datasheet HTML 14Page - Analog Devices AD677JD Datasheet HTML 15Page - Analog Devices AD677JD Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD677
REV. A
–15–
OUTLINE DIMENSIONS
Dimensions shown in inchcs and (mm)
D-16
16-Lead Side Brazed Ceramic DIP Package
8
1
9
16
PIN 1
0.840 (21.34) MAX
0.060 (1.52)
0.015 (0.38)
0.015 (0.38)
0.008 (0.20)
0.320 (8.13)
0.290 (7.37)
0.150
(3.81)
MIN
0.200
(5.08)
MAX
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.110 (2.79)
0.090 (2.29)
0.070 (1.78)
0.030 (0.76)
PLANE
SEATING
0.080 (2.03) MAX
0.005 (0.13) MIN
0.310 (7.87)
0.220 (5.59)
N-16
16-Lead Plastic DIP
PIN 1
0.060 (1.52)
0.015 (0.38)
0.015 (0.381)
0.008 (0.204)
0.150
(3.81)
MIN
0.210
(5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.070 (1.77)
0.045 (1.15)
PLANE
SEATING
0.840 (21.33)
0.745 (18.93)
8
1
9
16
0.325 (8.25)
0.300 (7.62)
0.280 (7.11)
0.240 (6.10)
0.195 (4.95)
0.115 (2.93)
0.200 (5.05)
0.125 (3.18)
0.100 (2.54)
BSC
R-28
28-Lead Wide Body SOIC (SOIC-28)
0.0500 (1.27)
BSC
0.0192 (0.49)
0.0138 (0.35)
0.0118 (0.30)
0.0040 (0.10)
0.7125 (18.10)
0.6969 (17.70)
0.4193 (10.65)
0.3937 (10.00)
0.2992 (7.60)
0.2914 (7.40)
PIN 1
0.1043 (2.65)
0.0926 (2.35)
0.0500 (1.27)
0.0157 (0.40)
0.0125 (0.32)
0.0091 (0.23)
0
°- 8°
0.0291 (0.74)
0.0098 (0.25)
X
45
°
14
15
1
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com