Electronic Components Datasheet Search
  English  ▼

X  

AD7002 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7002
Description  LC2MOS GSM Baseband I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7002 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7002 Datasheet HTML 8Page - Analog Devices AD7002 Datasheet HTML 9Page - Analog Devices AD7002 Datasheet HTML 10Page - Analog Devices AD7002 Datasheet HTML 11Page - Analog Devices AD7002 Datasheet HTML 12Page - Analog Devices AD7002 Datasheet HTML 13Page - Analog Devices AD7002 Datasheet HTML 14Page - Analog Devices AD7002 Datasheet HTML 15Page - Analog Devices AD7002 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD7002
–15–
REV. B
PIN FUNCTION DESCRIPTIONS
PQFP Pin
Number
Mnemonic
Function
POWER SUPPLY
37
AVDD
Positive power supply for analog section. This is +5 V
± 10%.
38
AGND
Analog ground.
4, 15
DVDD
Positive power supply for digital section. This is +5 V
± 10%.
5, 16
DGND
Digital ground.
ANALOG SIGNAL AND REFERENCE
41
I Tx
Analog output for the I (In-Phase) channel. This output comes from a 10-bit DAC and is
filtered by a Bessel low pass filter. The 10-bit DAC is loaded with I data, which is generated
by the GMSK modulator.
39
Q Tx
Analog output for the Q (Quadrature) channel. This output comes from a 10-bit DAC and is
filtered by a Bessel low pass filter. The 10-bit DAC is loaded with Q data, which is generated
by the GMSK modulator.
44
I Rx
Analog input for I receive channel.
42
Q Rx
Analog input for Q receive channel.
34
AUX DAC1
Analog output voltage from the 9-bit auxiliary DAC. This is a voltage mode DAC with a high
output impedance and hence should be buffered if used to drive moderate impedance loads.
36
AUX DAC2
Analog output voltage from the 10-bit auxiliary DAC. This is a voltage mode DAC with a
high output impedance and hence should be buffered if used to drive moderate impedance
loads.
35
AUX DAC3
Analog output voltage from the 8-bit auxiliary DAC. This is a voltage mode DAC with a high
output impedance and hence should be buffered if used to drive moderate impedance loads.
40
REFOUT
Reference output; this is 2.48 volts nominal.
TRANSMIT INTERFACE AND CONTROL
7, 11
CLK1, CLK2
Master clock inputs for both the transmit and receive sections. CLK1 and CLK2 must be
externally hardwired together and driven from a 13 MHz TTL compatible crystal.
3
Tx CLK
Clock output from the AD7002 which can be used to clock in the data for the transmit section.
2
Tx DATA
Data input for the transmit section, data is clocked on the falling edge of Tx CLK.
1
Tx SLEEP
Sleep control input for transmit section. When it is high, the transmit section goes into
standby mode and draws minimal current.
RECEIVE INTERFACE AND CONTROL
13
MODE
Digital control input. When High (MODE 1), the I and Q outputs are on separate pins
(QDATA and IDATA). When Low (MODE 0), I and Q are on the same pin (Rx DATA).
12
RATE
Digital control input. This determines whether the receive section interface operates at a
word rate of 541.7 kHz or at a word rate of 270.8 kHz. When High (RATE 1), the output
word rate is 541.7 kHz. When Low (RATE 0), the output word rate is 270.8 kHz.
18
Rx DATA (IDATA) This is a dual function digital output. When the device is operating in MODE 0, the Rx
DATA (both I and Q) is available at this pin. When the device is operating in MODE 1, only
IDATA is available at this pin.
VOLTAGE REFERENCE
The AD7002 contains an on-chip bandgap reference that pro-
vides a low noise, temperature compensated reference to the IQ
transmit DACs and the IQ receive ADCs. The reference is also
made available on the REFOUT pin and can be used to bias
other analog circuitry in the IF section.
When both the transmit section and the receive section are in
sleep mode (Tx SLEEP and Rx SLEEP asserted), the reference
output buffer is also powered down by approximately 80%
compatible crystal.
t17
AUX CLK (I)
AUX DATA (I)
AUX LATCH (I)
AUX FLAG (O)
DB15
DB14
DB1
DB0
t19
t
20
t
16
NEW AUX FLAG
OLD AUX FLAG
t18
Figure 22. Auxiliary DAC Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com