Electronic Components Datasheet Search
  English  ▼

X  

7013 Datasheet(PDF) 9 Page - Analog Devices

Part # 7013
Description  CMOS TIA IS-54 Baseband Receive Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7013 Datasheet(HTML) 9 Page - Analog Devices

Back Button 7013 Datasheet HTML 5Page - Analog Devices 7013 Datasheet HTML 6Page - Analog Devices 7013 Datasheet HTML 7Page - Analog Devices 7013 Datasheet HTML 8Page - Analog Devices 7013 Datasheet HTML 9Page - Analog Devices 7013 Datasheet HTML 10Page - Analog Devices 7013 Datasheet HTML 11Page - Analog Devices 7013 Datasheet HTML 12Page - Analog Devices 7013 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. A
AD7013
–9–
Register
Address
Register
Reset
Name
A3
A2
A1
A0
Size
State
Description
COMMAND
0
0
1
0
9 Bits
All Zeros
The COMMAND register is used to select various operating modes
of the AD7013. A detailed description of the COMMAND register
is given in Table II.
VERNIER
0
1
0
0
4 Bits
All Zeros
The VERNIER register allows additional group delay to be
introduced into the I and Q ADCs. This provides a means to vary
the ADC sampling instant.
IRx OFFSET
0
1
0
1
10 Bits
All Zeros
The contents of the IRx OFFSET register are substracted from the
I channel ADC word. When autocalibration is selected, this register
is automatically loaded by the AD7013 at the beginning of
a normal operation. When user calibration is selected, this register
can be externally loaded with a twos complement offset 10-bit
word to be subtracted from subsequent ADC samples.
QRx OFFSET
0
1
1
0
10 Bits
All Zeros
The contents of the QRx OFFSET register are substracted from
the Q channel ADC word. When auto calibration is selected, this
register is automatically loaded by the AD7013 at the beginning of
a normal operation. When user calibration is selected this register
can be externally loaded with a twos complement offset 10-bit
word to be subtracted from subsequent ADC samples.
AUX DAC1
0
1
1
1
10 Bits
All Zeros
The 10-bit auxiliary DAC current output is determined by this register.
The output current is equal to {AUX DAC1
FULL SCALE * N/2
10} where
N is the 10-bit word contained in the AUX DAC1 register and
AUX DAC1
FULL SCALE is determined by the value of RSET connected
between FSADJUST and AGND.
AUX DAC2
1
0
0
0
8 Bits
All Zeros
The 8-bit auxiliary DAC current output is determined by this register.
The output current is equal to {AUX DAC1
FULL SCALE * N/2
8}
where N is the 8-bit word contained in the AUX DAC2 register
and AUX DAC2
FULL SCALE is determined by the value of RSET
connected between FS ADJUST and AGND.
AUX DAC3
1
0
0
1
8 Bits
All Zeros
The 8-bit auxiliary DAC current output is determined by this register.
The output current is equal to {AUX DAC3
FULL SCALE * N/2
8}
where N is the 8-bit word contained in the AUX DAC3 register
and AUX DAC3
FULL SCALE is determined by the value of RSET
connected between FS ADJUST and AGND.
RESET
0
0
0
1
N/A
N/A
When this address in selected, all of the internal registers are initialized
to their reset state.
6-Bit LOAD
0
0
1
1
N/A
N/A
When this address is used, a special loading sequence, as shown in
Table IV, is used to write to any of the internal registers.
N/A
0
0
0
0
N/A
N/A
No Action.
N/A
1
1
1
1
N/A
N/A
No Action.
Table I. Description and Address Map for AD7013 Internal Registers
IRx OFFSET ADJUST
Rx SAMPLING VERNIER
AUX DAC1
AUX DAC2
QRx OFFSET ADJUST
AUX DAC3
DATA IN
A3 – A0
S1, S0
COMMAND REGISTER
6-BIT LOAD DATA BUFFER
DB9 – DB0
MSB
LSB
16-BIT SERIAL WORD
Figure 6. AD7013 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com