Electronic Components Datasheet Search
  English  ▼

X  

7013 Datasheet(PDF) 16 Page - Analog Devices

Part # 7013
Description  CMOS TIA IS-54 Baseband Receive Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7013 Datasheet(HTML) 16 Page - Analog Devices

Back Button 7013 Datasheet HTML 12Page - Analog Devices 7013 Datasheet HTML 13Page - Analog Devices 7013 Datasheet HTML 14Page - Analog Devices 7013 Datasheet HTML 15Page - Analog Devices 7013 Datasheet HTML 16Page - Analog Devices 7013 Datasheet HTML 17Page - Analog Devices 7013 Datasheet HTML 18Page - Analog Devices 7013 Datasheet HTML 19Page - Analog Devices 7013 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
–16–
REV. A
AD7013
PCB Layout Considerations
The use of an analog ground plane is recommended, where the
ground plane extends around the analog circuitry. Both AGND and
DGND should be externally tied together and connected to the
analog ground plane.
Good power supply decoupling is very important for best ADC
performance. A 0.1
µF ceramic decoupling capacitor should be
connected between V
AA and the ground plane. The physical place-
ment of the capacitor (surface mount if possible) is important and
should be placed as close to the pin of the device as is physically
possible. This is also applied to the V
DD pin. Poor power supply
decoupling can lead to a degradation in ADC offsets and SNR.
The Bypass pin should be decoupled to the ground plane using a
10 nF capacitor. Large capacitor values are not recommended as
this can cause the reference not to reach its final value, on power
up, before ADC autocalibration has commenced.
Capacitive loading of digital outputs should be minimized as much
as possible if power dissipation is a critical factor. The charging
and discharging of external load capacitances can be a significant
contribution to power dissipation, especially when the AD7013 is in
a low power sleep mode as the DxCLK remains active.
10-BIT
AUX DAC1
AGND
AGND
AGND
AGND
8-BIT
AUX DAC2
8-BIT
AUX DAC3
RSET
FULL–SCALE
ADJUST
CONTROL
VREF
(1.23V)
AD7013
Ω18kΩ
Ω4.5kΩ
Ω9kΩ
Ω9kΩ
Figure 22. AUX DACs
AD7013
AUX DAC1,
AUX DAC2
OR AUX DAC3
FS ADJUST
10nF
BYPASS
≈ 1 TO 4 VOLTS
+5V
OP-295
RLOAD
RFB
RSET
18k
Ω
AUX DAC
R LOAD
R FB
10-BIT
Ω2.4kΩ
Ω5.4kΩ
8-BIT
Ω11kΩ
Ω4.9kΩ
Figure 23. External Op Amp Circuitry to Extend Output
Voltage Range
Low Sampling Rate (CR10 = 0)
The timing diagram for the receive interface is shown in Figure 4.
The output word rate per channel is equal to 48.6 kHz (MCLK/
128) which corresponds to two times the symbol rate. The low
sampling rate operates in a similar manner to that described for the
high sampling rate.
AUXILIARY DACs
One 10-bit auxiliary DAC and two 8-bit auxiliary DACs are
provided for extra control functions such as automatic gain control,
automatic frequency control and power control. Figure 22
illustrates a simplified block diagram of the auxiliary DACs. The
AUX DACs consist of high impedance current sources, designed to
operate at very low currents while maintaining their DC accuracy.
The DACs are designed using a current segmented architecture.
The bit currents corresponding to each digital input are either
routed to the analog output (bit = 1) or to AGND (bit = 0).
Each of the auxiliary DACs has independent low power sleep
modes. The command register has three control bits CR17, CR16
and CR15 which control AUX DAC1, AUX DAC2 and AUX
DAC3 respectively. A logic 0 represents low power sleep mode and
a logic 1 represents normal operation.
The full-scale currents of the auxiliary DACs are controlled by a
single external resistor, R
SET, connected between the FS ADJUST
pin and AGND. The relationship between full-scale current and
R
SET is given as follows:
10-Bit AUX DAC
AUX DAC
FULL SCALE (mA) = 7992 × VREF (V)/ RSET (Ω)
8-Bit AUX DACs
AUX DAC
FULL SCALE (mA) = 3984 × VREF (V)/ RSET (Ω)
By using smaller values of R
SET, thereby increasing AUX DAC full-
scale current, improved INL and DNL performance is possible as
shown in Table V.
Digital Interface
Communication with the Command register, auxiliary DACs, ADC
offset registers and ADC vernier is accomplished via the 3-pin serial
interface. Either one of two loading formats may be used to write
to any of the AD7013’s internal registers. The first format consists
of a single 16-bit serial word to write to any internal register (Table
III). The second format consists of five 16-bit serial words, where
only the last 6 bits in each 16-bit word are used to load five 2-bit
data nibbles. The load sequence for this format is given is Table IV.
The second format is only enable when the Register Address 3 is
used as the destination register as shown in Table I.
Table V. AUX DAC1 INL and DNL as a Function of RSET
18 k
Ω
–1.45
+1.83
9 k
Ω
+1.22
+1.59
4.5 k
Ω
+1.18
+1.38
Worst Case
Worst Case
R
SET
INL (LSBs)
DNL (LSBs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com