Electronic Components Datasheet Search
  English  ▼

X  

AD7112 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7112
Description  LC2MOS LOGDAC Dual Logarithmic D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7112 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7112 Datasheet HTML 4Page - Analog Devices AD7112 Datasheet HTML 5Page - Analog Devices AD7112 Datasheet HTML 6Page - Analog Devices AD7112 Datasheet HTML 7Page - Analog Devices AD7112 Datasheet HTML 8Page - Analog Devices AD7112 Datasheet HTML 9Page - Analog Devices AD7112 Datasheet HTML 10Page - Analog Devices AD7112 Datasheet HTML 11Page - Analog Devices AD7112 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7112
REV. 0
–9–
*
0.4
–0.6
30
0.0
–0.4
3
–0.2
0
0.2
27
24
21
18
15
12
9
6
ATTENUATION – dB
**
* * *
* *
*
**
* * *
* *
*
*
*
* * *
* *
*
*
* *
* * * ***
*
*
* *
* *
*
VDD = +5V
TA = +25°C
Figure 14. Typical Attenuation Error for 0.75 dB Steps
1.0
–1.0
078
0.5
–0.5
6
0.0
66
72
60
48
42
36
30
24
18
12
54
84
ATTENUATION – dB
TA = +25°C
TA = +85°C
VDD = +5V
Figure 15. Typical Attenuation Error for 3 dB Steps vs.
Temperature
1
–2
0
90
2
–1
6
0
78 84
72
66
60
54
18
12
48
42
36
30
24
ATTENUATION – dB
+0.17
–0.17
85.5
0.375 dB ATTENUATION STEPS
MONOTONICITY FOR 1.5 dB ATTENUATION STEPS
0.75 dB ATTENUATION STEPS
Figure 16. Accuracy Specification for B Grade Devices at
TA = +25°C
1
–2
0
90
2
–1
6
0
78 84
72
66
60
54
18
12
48
42
36
30
24
ATTENUATION – dB
+0.17
–0.17
0.375 dB ATTENUATION STEPS
0.75 dB ATTENUATION STEPS
MONOTONICITY FOR 1.5 dB ATTENUATION STEPS
Figure 17. Accuracy Specification for C Grade Devices at
TA = +25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com