Electronic Components Datasheet Search
  English  ▼

X  

AD7112 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7112
Description  LC2MOS LOGDAC Dual Logarithmic D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7112 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7112 Datasheet HTML 4Page - Analog Devices AD7112 Datasheet HTML 5Page - Analog Devices AD7112 Datasheet HTML 6Page - Analog Devices AD7112 Datasheet HTML 7Page - Analog Devices AD7112 Datasheet HTML 8Page - Analog Devices AD7112 Datasheet HTML 9Page - Analog Devices AD7112 Datasheet HTML 10Page - Analog Devices AD7112 Datasheet HTML 11Page - Analog Devices AD7112 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7112
REV. 0
–10–
MICROPROCESSOR INTERFACING
Figures 18 to 20 show interfaces between the AD7112 and
three popular 8-bit microprocessor systems, the MC68008,
8085A/8088 and the 8051. In the MC68008 and 8085/8088 in-
terfaces, the AD7112 is memory mapped with separate ad-
dresses for each DAC.
AD7112-8085A/8088 INTERFACE
Figure 18 shows a connection diagram for interfacing the
AD7112 to both the 8085A and the 8088 microprocessors. This
scheme is also suited to the Z80 microprocessor, but the Z80
address/data bus does not have to be demultiplexed. The
AD7112 is memory mapped with separate memory addresses
for DAC A and DAC B.
8085A / 8088
AD7112*
CS
WR
DB7 – DB0
DATA BUS
A15 – A8
AD7 – AD0
ALE
ADDRESS BUS
WR
DEN
DAC A / DAC B
A**
A+1**
ADDRESS
DECODE
LOGIC
8-BIT
LATCH
* ANALOG CIRCUITRY HAS BEEN OMITTED FOR CLARITY.
** A = DECODED ADDRESS FOR AD7112 DAC A
A+1 = DECODED ADDRESS FOR AD7112 DAC B
Figure 18. AD7112–8085A/8088 Interface Circuit
AD7112–68008 INTERFACE
Figure 19 shows a connection diagram for interfacing the
AD7112 to the 68008 microprocessor. The AD7112 is again
memory mapped with separate memory addresses for DAC A
and DAC B.
AD7112*
CS
WR
DB7 – DB0
DATA BUS
ADDRESS BUS
DAC A / DAC B
A**
A+1**
ADDRESS
DECODE
LOGIC
* ANALOG CIRCUITRY HAS BEEN OMITTED FOR CLARITY.
** A = DECODED ADDRESS FOR AD7112 DAC A
A+1 = DECODED ADDRESS FOR AD7112 DAC B
68008
A23 – A1
D7 – D0
R /W
AS
DTACK
Figure 19. AD7112–68008 Interface Circuit
AD7112–8051 INTERFACE
Figure 20 shows a connection diagram between the AD7112
and the 8051 microprocessor. The AD7112 is port mapped in
this interface. The loading structure is as follows: Data to be
loaded to the DAC is output to Port 1: P3.0, P3.1 and P3.2 are
bit addressable port lines and are used to control the DAC
select, CS and WR inputs. A sample routine for writing to DAC A
is shown below.
MOV A,DATA;
Data to be written is loaded to the accumulator.
CLR 3.2;
Select DAC A.
CLR 3.0;
Bring CS low.
CLR 3.1;
Bring WR low.
MOV A,P1;
Write data to DAC.
SET B 3.1;
Deactivate WR.
SET B 3.0;
Deactivate CS
8051
P3.0
P3.1
P3.2
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
AD7112*
CS
WR
DAC A / DAC B
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
* ANALOG CIRCUITRY OMITTED FOR CLARITY
Figure 20. AD7112–8051 Interface Circuit
APPLICATIONS
Automatic Gain Control
In an automatic gain control system an input signal is attenuated
or amplified so that its average output level remains constant.
The AD7112 D/A converter is used here as a variable gain or at-
tenuation element that adjusts the output signal relative to the
input level.
A feedback loop consisting of a detector, comparator, and up/
down counter continuously adjusts the contents of the counter
and hence the gain or attenuation of the circuit so that the signal
level at the output remains constant and equal to the reference
input signal. The negative feedback action of the loop ensures
that the average output voltage of the automatic gain control
system remains constant. Figure 21 shows a block diagram of a
typical AGC control loop using 1/2 AD7112 as the gain/ attenu-
ation element.
Whenever the input signal is outside the dynamic range of the
programmable gain element in the AGC loop, there should be a
stable, well defined input output relationship.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com