Electronic Components Datasheet Search
  English  ▼

X  

AD712 Datasheet(PDF) 5 Page - Analog Devices

Part # AD712
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 5 Page - Analog Devices

  AD712 Datasheet HTML 1Page - Analog Devices AD712 Datasheet HTML 2Page - Analog Devices AD712 Datasheet HTML 3Page - Analog Devices AD712 Datasheet HTML 4Page - Analog Devices AD712 Datasheet HTML 5Page - Analog Devices AD712 Datasheet HTML 6Page - Analog Devices AD712 Datasheet HTML 7Page - Analog Devices AD712 Datasheet HTML 8Page - Analog Devices AD712 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AD712
REV. B
–5–
FREQUENCY – Hz
–20
100
1k
1M
10
10k
100k
10M
0
20
40
60
80
100
GAIN
PHASE
2k
100pF
LOAD
–20
0
20
40
60
80
100
Figure 10. Open-Loop Gain and
Phase Margin vs. Frequency
FREQUENCY – Hz
0
10
100
80
60
40
20
100
1k
10k
100k
1M
VS = 15V
VCM = 1Vp-p
25 C
Figure 13. Common Mode Rejec-
tion vs. Frequency
FREQUENCY – Hz
–70
100
10k
1k
–80
–90
–100
–110
–120
–130
100k
3V RMS
RL = 2k
CL = 100pF
Figure 16. Total Harmonic Distor-
tion vs. Frequency
SUPPLY VOLTAGE
Volts
125
0
520
10
15
RL = 2k
25 C
120
115
110
105
100
95
Figure 11. Open-Loop Gain vs.
Supply Voltage
INPUT FREQUENCY – Hz
30
25
0
100k
10M
1M
15
10
5
20
RL = 2k
25 C
VS = 15V
Figure 14. Large Signal Frequency
Response
FREQUENCY – Hz
1k
1
10
100
10k
100k
100
10
1
1k
Figure 17. Input Noise Voltage
Spectral Density
SUPPLY MODULATION FREQUENCY – Hz
110
0
10
100
80
60
40
20
100
1k
10k
100k
1M
– SUPPLY
+ SUPPLY
VS = 15V SUPPLIES
WITH 1V p-p SINE
WAVE 25 C
Figure 12. Power Supply Rejection
vs. Frequency
SETTLING TIME –
s
–8
0.5
–6
–4
–2
0
4
6
8
10
2
–10
0.6
0.7
0.8
0.9
1.0
0.01%
0.1%
1%
0.01%
0.1%
1%
ERROR
Figure 15. Output Swing and Error
vs. Settling Time
INPUT ERROR SIGNAL – mV
(AT SUMMING JUNCTION)
5
100
10
15
20
25
200 300 400 500 600 700 800 900
0
0
Figure 18. Slew Rate vs. Input
Error Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com