Electronic Components Datasheet Search
  English  ▼

X  

AD712 Datasheet(PDF) 7 Page - Analog Devices

Part # AD712
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD712 Datasheet HTML 3Page - Analog Devices AD712 Datasheet HTML 4Page - Analog Devices AD712 Datasheet HTML 5Page - Analog Devices AD712 Datasheet HTML 6Page - Analog Devices AD712 Datasheet HTML 7Page - Analog Devices AD712 Datasheet HTML 8Page - Analog Devices AD712 Datasheet HTML 9Page - Analog Devices AD712 Datasheet HTML 10Page - Analog Devices AD712 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AD712
REV. B
–7–
OPTIMIZING SETTLING TIME
Most bipolar high-speed D/A converters have current outputs;
therefore, for most applications, an external op amp is required
for current-to-voltage conversion. The settling time of the con-
verter/op amp combination depends on the settling time of the
DAC and output amplifier. A good approximation is:
t
S Total =
(t
S DAC )
2
+ (t
S AMP )
2
The settling time of an op amp DAC buffer will vary with the
noise gain of the circuit, the DAC output capacitance, and with
the amount of external compensation capacitance across the
DAC output scaling resistor.
Settling time for a bipolar DAC is typically 100 ns to 500 ns.
Previously, conventional op amps have required much longer
settling times than have typical state-of-the-art DACs; therefore,
the amplifier settling time has been the major limitation to a
high-speed voltage-output D-to-A function. The introduction of
the AD711/AD712 family of op amps with their 1
µs (to ±0.01%
of final value) settling time now permits the full high-speed
capabilities of most modern DACs to be realized.
In addition to a significant improvement in settling time, the
low offset voltage, low offset voltage drift, and high open-loop
gain of the AD711/AD712 family assures 12-bit accuracy over
the full operating temperature range.
The excellent high-speed performance of the AD712 is shown in
the oscilloscope photos of Figure 25. Measurements were taken
using a low input capacitance amplifier connected directly to the
summing junction of the AD712 – both photos show the worst
case situation: a full-scale input transition. The DAC’s 4 k
Ω
[10 k
Ω||8 kΩ = 4.4 kΩ] output impedance together with a
10 k
Ω feedback resistor produce an op amp noise gain of 3.25.
The current output from the DAC produces a 10 V step at the
op amp output (0 to –10 V Figure 25a, –10 V to 0 V Figure
25b.)
Therefore, with an ideal op amp, settling to
±1/2 LSB (±0.01%)
requires that 375
µV or less appears at the summing junction.
This means that the error between the input and output (that
voltage which appears at the AD712 summing junction) must be
less than 375
µV. As shown in Figure 25, the total settling time
for the AD712/AD565 combination is 1.2 microseconds.
+15V
0.1 F
0.1 F
1/2
AD712
10pF
OUTPUT
–10V TO +10V
AD565A
DAC
–15V
IOUT = 4
IREF
CODE
IREF
BIPOLAR
OFFSET ADJUST
IO
0.1 F
R1
100
R2
100
GAIN
ADJUST
REF
IN
REF
GND
20k
–VEE
0.1 F
POWER
GND
MSB
LSB
8k
5k
5k
10V
19.95k
0.5mA
DAC
OUT
10V
SPAN
20V
SPAN
VCC
REF
OUT
BIPOLAR
OFF
9.95k
+
–
Figure 24.
±10 V Voltage Output Bipolar DAC
Figure 25. Settling Characteristics for AD712 with AD565A
100
10
0%
500ns
90
0V
–10V
OUTPUT
5V
1mV
SUMMING
JUNCTION
a. (Full-Scale Negative Transition)
100
10
0%
500ns
90
0V
–10V
SUMMING
JUNCTION
OUTPUT
5V
1mV
b. (Full-Scale Positive Transition)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com