Electronic Components Datasheet Search
  English  ▼

X  

AD7225 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7225
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7225 Datasheet HTML 4Page - Analog Devices AD7225 Datasheet HTML 5Page - Analog Devices AD7225 Datasheet HTML 6Page - Analog Devices AD7225 Datasheet HTML 7Page - Analog Devices AD7225 Datasheet HTML 8Page - Analog Devices AD7225 Datasheet HTML 9Page - Analog Devices AD7225 Datasheet HTML 10Page - Analog Devices AD7225 Datasheet HTML 11Page - Analog Devices AD7225 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7225
REV. B
–10–
FILTER
I/P
I/P
SAMPLES
Am29520
TLD
AD7820
ADC
SAMPLES
AD7225
QUAD DAC
DELAYED
I/P
AD7226
QUAD DAC
VREF A
h1
h2
VOUT A
VOUT A
VOUT B
VOUT C
VOUT D
ACCUMULATOR
O/P
AD585
SHA
FILTER
O/P
TAP WEIGHTS
Am7224
DAC
AD584
REF
GAIN SET
+10V
VOUT
VREF
VREF
+
T
T
T
1
234
h4
h3
h2
h1
+
FILTER
O/P
Yn
FILTER
I/P
Xn–1
Xn–2
Xn
Xn–3
VREF A
h3
VOUT A
VREF A
h4
VOUT A
VREF A
VOUT A
Figure 18. Programmable Transversal Filter
A 4-tap programmable transversal filter may be implemented
using the AD7225 (Figure 18). The input signal is first sampled
and converted to allow the tapped delay line function to be pro-
vided by the Am29520. The multiplication of delayed input
samples by fixed, programmable up weights is accomplished by
the AD7225, the four coefficients or reference inputs being set
by the digital codes stored in the AD7226. The resultant prod-
ucts are accumulated to yield the convolution sum output
sample which is held by the AD585.
0
–100
0.5
–70
–90
0.05
–80
0
–40
–60
–50
–30
–20
–10
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
NORMALIZED FREQUENCY – f/fs
h1 = 0.117
h2 = 0.417
h3 = 0.417
h4 = 0.417
Figure 19. Predicted (Theoretical) Response
Figure 20. Actual Response
Low pass, bandpass and high pass filters may be synthesized us-
ing this arrangement. The particular up weights needed for any
desired transfer function may be obtained using the standard
Remez Exchange Algorithm. Figure 19 shows the theoretical
low pass frequency response produced by a 4-tap transversal
filter with the coefficients indicated. Although the theoretical
prediction does not take into account the quantization of the in-
put samples and the truncation of the coefficients, nevertheless,
there exists a good correlation with the actual performance of
the transversal filter (Figure 20).
DIGITAL WORD MULTIPLICATION
Since each DAC of the AD7225 has a separate reference input,
the output of one DAC can be used as the reference input for
another. This means that multiplication of digital words can be
performed (with the result given in analog form). For example,
if the output from DACA is applied to VREF B then the output
from DACB, VOUT B, can be expressed as:
VOUT B = DA • DB • VREF A
where DA and DB are the fractional representations of the
digital words in DAC latches A and B respectively.
If DA = DB = D then the result is D
2 • V
REF A
In this manner, the four DACs can be used on their own or in
conjunction with an external summing amplifier to generate
complex waveforms. Figure 21 shows one such application. In
this case the output waveform, Y, is represented by:
Y = –(x
4 + 2x3 + 3x2 + 2x + 4) • V
IN
where x is the digital code which is applied to all four DAC
latches.
V
OUT A
V
OUT B
V
OUT C
V
OUT D
V
REF A
V
REF B
V
REF C
V
REF D
+15V
V
DD
AD7225*
DGND
AGND
V
SS
V
IN
25k
Ω
50k
Ω
33k
Ω
50k
Ω
100k
Ω
100k
Ω
Y
*DIGITAL INPUTS OMITTED
FOR CLARITY
Figure 21. Complex Waveform Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com