Electronic Components Datasheet Search
  English  ▼

X  

AD7225 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7225
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225 Datasheet(HTML) 4 Page - Analog Devices

  AD7225 Datasheet HTML 1Page - Analog Devices AD7225 Datasheet HTML 2Page - Analog Devices AD7225 Datasheet HTML 3Page - Analog Devices AD7225 Datasheet HTML 4Page - Analog Devices AD7225 Datasheet HTML 5Page - Analog Devices AD7225 Datasheet HTML 6Page - Analog Devices AD7225 Datasheet HTML 7Page - Analog Devices AD7225 Datasheet HTML 8Page - Analog Devices AD7225 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7225
REV. B
–4–
ABSOLUTE MAXIMUM RATINGS
1
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +24 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
Digital Input Voltage to DGND . . . . . . . –0.3 V, VDD + 0.3 V
VREF to AGND . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
VOUT to AGND
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
Power Dissipation (Any Package) to +75
°C . . . . . . . . 500 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . . 2.0 mW/°C
Operating Temperature
Commercial (K, L Versions) . . . . . . . . . . . –40
°C to +85°C
Industrial (B, C Versions) . . . . . . . . . . . . . –40
°C to +85°C
Extended (T, U Versions) . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Outputs may be shorted to any voltage in the range V
SS to VDD provided that the
power dissipation of the package is not exceeded. Typical short circuit current for
a short to AGND or VSS is 50 mA.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7225 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATIONS
DIP and SOIC
LCCC
PLCC
TERMINOLOGY
TOTAL UNADJUSTED ERROR
Total Unadjusted Error is a comprehensive specification which
includes full-scale error, relative accuracy, and zero code error.
Maximum output voltage is VREF – 1 LSB (ideal), where 1 LSB
(ideal) is VREF/256. The LSB size will vary over the VREF range.
Hence the zero code error will, relative to the LSB size, increase
as VREF decreases. Accordingly, the total unadjusted error,
which includes the zero code error, will also vary in terms of
LSBs over the VREF range. As a result, total unadjusted error is
specified for a fixed reference voltage of +10 V.
RELATIVE ACCURACY
Relative Accuracy or endpoint nonlinearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after al-
lowing for zero code error and full-scale error and is normally
expressed in LSBs or as a percentage of full-scale reading.
DIFFERENTIAL NONLINEARITY
Differential Nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of
±1 LSB max over
the operating temperature range ensures monotonicity.
DIGITAL FEEDTHROUGH
Digital Feedthrough is the glitch impulse transferred to the out-
put of the DAC due to a change in its digital input code. It is
specified in nV secs and is measured at VREF = 0 V.
DIGITAL CROSSTALK
Digital Crosstalk is the glitch impulse transferred to the output
of one converter (not addressed) due to a change in the digital
input code to another addressed converter. It is specified in
nV secs and is measured at VREF = 0 V.
AC FEEDTHROUGH
AC Feedthrough is the proportion of reference input signal
which appears at the output of a converter when that DAC is
loaded with all 0s.
CHANNEL-TO-CHANNEL ISOLATION
Channel-to-channel isolation is the proportion of input signal
from the reference of one DAC (loaded with all 1s) which ap-
pears at the output of one of the other three DACs (loaded with
all 0s) The figure given is the worst case for the three other out-
puts and is expressed as a ratio in dBs.
FULL-SCALE ERROR
Full-Scale Error is defined as:
Measured Value – Zero Code Error – Ideal Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com