Electronic Components Datasheet Search
  English  ▼

X  

MAX2181 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2181
Description  FM Automotive Low-Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2181 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2181 Datasheet HTML 1Page - Maxim Integrated Products MAX2181 Datasheet HTML 2Page - Maxim Integrated Products MAX2181 Datasheet HTML 3Page - Maxim Integrated Products MAX2181 Datasheet HTML 4Page - Maxim Integrated Products MAX2181 Datasheet HTML 5Page - Maxim Integrated Products MAX2181 Datasheet HTML 6Page - Maxim Integrated Products MAX2181 Datasheet HTML 7Page - Maxim Integrated Products MAX2181 Datasheet HTML 8Page - Maxim Integrated Products MAX2181 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MAX2181
FM Automotive Low-Noise Amplifier
www.maximintegrated.com
Maxim Integrated │ 2
DC Electrical Characteristics
(MAX2181 Evaluation Kit as shown, VBATT = 8V to 15V, TA = -40ºC to +85ºC, unless otherwise noted. Typical values are at VBATT = 10V,
TA = +25ºC.) (Note 2)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
VBATT ....................................................................-0.5V to +26V
LDO .........................................................................-0.5V to +6V
FMOUT................................................................. -0.5V to VLDO
Short-Circuit Protection FMOUT .................................. Indefinite
FMIN........................................................................ 130dBµVRF
Continuous Power Dissipation (TA = +70ºC)
(derate 20.8mW/ºC above +70ºC) ..........................1666.7mW
θJC (Junction to Case) (Note 1)........................................7ºC/W
θJA (Junction to Ambient) (Note 1)..................................48ºC/W
Operating Temperature Range............................-40ºC to +85ºC
Junction Temperature......................................................+150ºC
Storage Temperature Range.............................-65ºC to +165ºC
Lead Temperature (TQFN only, soldering, 10s).............. +300ºC
Soldering Temperature (reflow)....................................... +260ºC
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGE (VBATT)
VBATT
Operational range
8
10
15
V
Functional range (Note 3)
15
24
Voltage Regulation
VLDO (Pin 12)
5.1
V
Supply Current
Normal operation (VANTSENSE = 0V or
6V < VANTSENSE = 12V)
56
68
mA
Antenna fault, ANTSENSE open
15
25
GAIN CONTROL AND AGC CONTROL (FMDET, FMGAIN, ANTSENSE)
ANTSENSE
Ground
-50
µA
Open
2.5
V
LDO
50
µA
FMDET
Ground
-65
µA
LDO
50
FMGAIN
Ground
-50
µA
Open
2.5
V
LDO
50
µA
CAUTION! ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com