Electronic Components Datasheet Search
  English  ▼

X  

MAX2181 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2181
Description  FM Automotive Low-Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2181 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2181 Datasheet HTML 2Page - Maxim Integrated Products MAX2181 Datasheet HTML 3Page - Maxim Integrated Products MAX2181 Datasheet HTML 4Page - Maxim Integrated Products MAX2181 Datasheet HTML 5Page - Maxim Integrated Products MAX2181 Datasheet HTML 6Page - Maxim Integrated Products MAX2181 Datasheet HTML 7Page - Maxim Integrated Products MAX2181 Datasheet HTML 8Page - Maxim Integrated Products MAX2181 Datasheet HTML 9Page - Maxim Integrated Products MAX2181 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MAX2181
FM Automotive Low-Noise Amplifier
www.maximintegrated.com
Maxim Integrated │ 6
Detailed Description
Setting Signal Path Gain
and AGC Attack Point
The MAX2181 allows independent variation of the gain
and AGC attack points on the FM signal path. Gain and
attack point are adjusted by changing the conditions on
the FMGAIN and FMDET pins.
FM Signal Path
Typical FM gain can be set using the FMGAIN pin as
shown in Table 1. The output attack point of the FM signal
path is adjusted by changing the resistor RFMDET, con-
nected to the FMDET pin. Table 2 shows the attack point
associated with several resistor values.
Antenna Sensing
In some applications, a bias voltage might be present on
the car antenna or the car antenna might be DC shorted
to ground in normal operation. In these situations, the
device can sense an antenna fault condition and report
this by setting the VBATT current.
Connecting the ANTSENSE pin to the car antenna
through a 100kΩ resistor enables this function. If a DC
bias of 6V to 12V is present on the antenna, the device
operates normally. If the antenna is DC shorted to ground,
the device also operates normally. However, if the anten-
na is a DC open circuit, the device VBATT current drops to
a value between 15mA to 25mA. This provides a method
for the car audio system to detect an antenna fault. If this
function is not required, the ANTSENSE pin should be
connected to ground.
Layout Recommendations
For best performance, the device must be mounted on
a PCB that is designed for a low thermal resistance. A
thermal ground must be placed near the device. This
can consist of a mounting screw to a large thermal mass,
ideally placed no more than 5mm from the package. The
backside ground of the MAX2181 must be connected to
a thermal ground plane on the PCB using at least nine
plated through holes. Finally, a wide trace on the PCB
top metal from the paddle area, connecting pins 5-7
and 14-16, and proceeding to the mounting hole further
improves thermal performance.
The MAX2181 is equipped with thermal-protection circuit-
ry that maintains junction temperature at safe levels when
the device is operated outside its specified operating
range. For ambient temperatures up to +85ºC and VBATT
up to +15V, the thermal protection does not engage.
Refer to
www.maximintegrated.com for the MAX2181
Evaluation Kit schematic, Gerber data, PADS layout file,
and BOM information.
Table 1. FM Signal Path Gain
Table 2. FM Signal Path Attack Point
PIN FMGAIN
FM GAIN (dB, TYP)
Ground
6.0
Open
7.2
VLDO
8.3
RFMDET (kΩ)
FM OUTPUT ATTACK
POINT (dBµV, TYP)
0
92
13
93.5
22
95
33
97
43
99
51
101.5
62
104
71
106



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com