Electronic Components Datasheet Search
  English  ▼

X  

LXDC Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LXDC
Description  Low EMI noise and small footprint due to Murata?셲 inductor-embedded ferrite substrate technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LXDC Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LXDC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LXDC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Structure
Downsizing Advantage
Features
z
z
Low EMI noise and small footprint due to Murata’s
inductor-embedded ferrite substrate technology
z
z
High efficiency using synchronous rectifier technology and
PFM/PWM auto-select function (forced mode available on
some models)
z
z
Input voltage range = 2.3–5.5V
z
z
Load currents available are 600mA, 1A, 2A, and 3A
z
z
Fixed output voltage = 1.0V, 1.2V, 1.35V, 1.5V, 1.8V, 2.5V,
3.0V, or 3.3V (see product line-up table on back)
z
z
Switching frequency = 3.0, 3.3, 4.0, or 6MHz (see back)
z
z
Operating temperature range = -40 to +85°C
Applications
z
z
Any device currently using discrete DC-DC circuits where
downsizing and space-savings are required
z
z
Cellular Phones, PDAs, Mobile Internet Devices
z
z
Digital Cameras, eBooks, Tablets, W-LAN, BT
z
z
Portable Game Consoles, Music Players, etc.
Application Circuit
Note: See back page for circuits specific to each series.
Shown larger than actual size.
www.murataamericas.com
Vin
Vout
Power Inductor
2HL/2HN series
2UR/3EP series
Cin
Cout
IC
Capacitor
DC/DC
IC
Multilayer process to create
a ferrite substrate with
3-dimensional circuits and
embedded power inductor
I/O via holes through the
ferrite substrate act as
ferrite beads and reduce
conductive noise.
Footprint
35~60mm2
Discrete Solution
2HL or 2HN
Series (0.6A)
10mm2
(including two
external
capacitors)
6-10mm2
(with on-board
input and output
capacitors)
2UR Series (0.6A)
3EP Series (1A)
55K Series (3A)
28.5mm2
2UR
3EP
55K
LXDC Series
μDCDC Converters


Similar Part No. - LXDC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXDC2HL MURATA-LXDC2HL Datasheet
1Mb / 19P
Low EMI noise and small footprint using inductor-imbedded ferrite substrate
LXDC2HL-G MURATA-LXDC2HL-G Datasheet
1Mb / 24P
Low EMI noise and small footprint (5mm2) using inductor-embedded ferrite substrate
LXDC2HL10A-080 MURATA-LXDC2HL10A-080 Datasheet
1Mb / 19P
Low EMI noise and small footprint using inductor-imbedded ferrite substrate
LXDC2HL10G-301 MURATA-LXDC2HL10G-301 Datasheet
1Mb / 24P
Low EMI noise and small footprint (5mm2) using inductor-embedded ferrite substrate
LXDC2HL11G-306 MURATA-LXDC2HL11G-306 Datasheet
1Mb / 24P
Low EMI noise and small footprint (5mm2) using inductor-embedded ferrite substrate
More results

Similar Description - LXDC

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPT04Q08-TED IPS-IPT04Q08-TED Datasheet
228Kb / 5P
High current density due to double mesa technology
IPT08Q08-CEA IPS-IPT08Q08-CEA Datasheet
214Kb / 4P
High current density due to double mesa technology
logo
Murata Manufacturing Co...
LXDC2HL MURATA-LXDC2HL Datasheet
1Mb / 19P
Low EMI noise and small footprint using inductor-imbedded ferrite substrate
logo
Vishay Siliconix
IHLP-1212AE-11 VISHAY-IHLP-1212AE-11 Datasheet
145Kb / 3P
Ultra low buzz noise, due to composite construction
12-Sep-16
logo
Lumileds Lighting Compa...
DS139 LUMILEDS-DS139 Datasheet
2Mb / 18P
Unsurpassed light quality and CBCP due to small LES
DS166 LUMILEDS-DS166 Datasheet
2Mb / 16P
Unsurpassed light quality and CBCP due to small LES
logo
Infineon Technologies A...
BGA123L4 INFINEON-BGA123L4 Datasheet
285Kb / 13P
Small Footprint Ultra Low Current Low Noise Amplifier
Revision 2.0 2017-09-14
logo
Murata Manufacturing Co...
LXDC2HL-G MURATA-LXDC2HL-G Datasheet
1Mb / 24P
Low EMI noise and small footprint (5mm2) using inductor-embedded ferrite substrate
LXDC2XQ MURATA-LXDC2XQ Datasheet
1Mb / 25P
Low EMI noise using an inductor-embedded ferrite substrate
LXDC32D MURATA-LXDC32D Datasheet
1Mb / 21P
Low EMI noise and small footprint using inductor-imbedded ferrite substrate
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com