Electronic Components Datasheet Search
  English  ▼

X  

LXDC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LXDC
Description  Low EMI noise and small footprint due to Murata?셲 inductor-embedded ferrite substrate technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LXDC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LXDC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LXDC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LXDC Series
μDCDC Converters
www.murataamericas.com
Product Line-Up
Type
Load
Current Series
W x L x T
(mm)
Application
Circuit
Part Number
Input
Voltage (V)
Output
Voltage (V)
Max. Iout
(mA)
Switch.
Freq.
Pkg.
(pcs/reel)
Buck
≤0.6A
2HL
2.5×2.0×1.1
LXDC2HL10A-080
2.3-5.5
1.0
600
3MHz
3,000
LXDC2HL12A-050
2.3-5.5
1.2
4.7µf
Vout
10µf
EN
Vin
2HL / 2HN
LXDC2HL1DA-087
2.35-5.5
1.35
LXDC2HL15A-051
2.5-5.5
1.5
LXDC2HL18A-052
2.8-5.5
1.8
LXDC2HL25A-053
3.5-5.5
2.5
500
LXDC2HL30A-054
3.7-5.5
3.0
400
LXDC2HL33A-055
3.8-5.5
3.3
300
2HN
2.5×2.0×1.2
LXDC2HN10A-132
2.3-5.5
1.0
600
3MHz
3,000
LXDC2HN12A-099
2.3-5.5
1.2
LXDC2HN1DA-133
2.35-5.5
1.35
LXDC2HN15A-126
2.5-5.5
1.5
LXDC2HN18A-097
2.8-5.5
1.8
LXDC2HN25A-134
3.5-5.5
2.5
500
LXDC2HN30A-135
3.7-5.5
3.0
400
(w/resin coating)
LXDC2HN33A-136
3.8-5.5
3.3
300
2UR
2.5×2.3×1.2
Vout
EN
Vin
2UR / 3EP
Mode
LXDC2UR12A-118
2.7-5.5
1.2
600
6MHz
3,000
LXDC2UR15A-119
2.7-5.5
1.5
LXDC2UR18A-120
2.7-5.5
1.8
LXDC2UR30A-143
3.6-5.5
3.0
LXDC2UR33A-122
3.6-5.5
3.3
≤1A
3EP
3.5×3.2×1.3
LXDC3EP10A-176
2.5-5.5
1.0
1000
4MHz
1,000
LXDC3EP12A-104
2.5-5.5
1.2
LXDC3EP15A-105
2.5-5.5
1.5
LXDC3EP18A-106
2.5-5.5
1.8
LXDC3EP25A-109
3.0-5.5
2.5
LXDC3EP33A-107
4.0-5.5
3.3
≤3A
55K
5.7×5.0×2.1
Vout
22uF
55K
EN
PGOOD
Vin
10uF
Rtrim
LXDC55KAAA-205
2.7-5.5
Set by trim
resistor
3000
3MHz
1,000
Boost ≤0.7A
44A
4.0×4.0×2.0
10uF
Vout
22uF
Vin
44A
EN
PGOOD
LXDC44AAAC-169
2.7-5.5
5.0
700
3.3MHz
1,000
Product
under
development



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com