Electronic Components Datasheet Search
  English  ▼

X  

MJD210 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJD210
Description  SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD210 Datasheet(HTML) 4 Page - Motorola, Inc

  MJD210 Datasheet HTML 1Page - Motorola, Inc MJD210 Datasheet HTML 2Page - Motorola, Inc MJD210 Datasheet HTML 3Page - Motorola, Inc MJD210 Datasheet HTML 4Page - Motorola, Inc MJD210 Datasheet HTML 5Page - Motorola, Inc MJD210 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJD200 MJD210
4
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
0.01
0.02
0.05
1
2
5
10
20
50
100
200
0.1
0.5
0.2
1
0.2
0.1
0.05
R
θJC(t) = r(t) θJC
R
θJC = 10°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
0 (SINGLE PULSE)
Figure 8. Thermal Response
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0.1
0.02
0.01
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.01
30
2
5
0.1
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW
RATED VCEO
Figure 9. Active Region Safe Operating Area
500
µs
dc
1
3
1 ms
20
10
7
5
3
2
1
0.3
100
µs
TJ = 150°C
5 ms
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 9 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in Fig-
ure 8. At high case temperatures, thermal limitations will re-
duce the power that can be handled to values less than the
limitations imposed by second breakdown.
Case 369–05 may be ordered by adding a “–1” suffix to the
device title (i.e. MJD200–1)
200
VR, REVERSE VOLTAGE (VOLTS)
20
40
70
100
30
Figure 10. Capacitance
50
20
10
6
4
2
1
0.4
0.6
TJ = 25°C
MJD200 (NPN)
MJD210 (PNP)
Cob
Cib



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com