Electronic Components Datasheet Search
  English  ▼

X  

MJD210 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJD210
Description  SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD210 Datasheet(HTML) 1 Page - Motorola, Inc

  MJD210 Datasheet HTML 1Page - Motorola, Inc MJD210 Datasheet HTML 2Page - Motorola, Inc MJD210 Datasheet HTML 3Page - Motorola, Inc MJD210 Datasheet HTML 4Page - Motorola, Inc MJD210 Datasheet HTML 5Page - Motorola, Inc MJD210 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary
Plastic Power Transistors
NPN/PNP Silicon DPAK For Surface Mount
Applications
. . . designed for low voltage, low–power, high–gain audio amplifier applications.
• Collector–Emitter Sustaining Voltage —
VCEO(sus) = 25 Vdc (Min) @ IC = 10 mAdc
• High DC Current Gain — hFE = 70 (Min) @ IC = 500 mAdc
= 45 (Min) @ IC = 2 Adc
= 10 (Min) @ IC = 5 Adc
• Lead Formed for Surface Mount Applications in Plastic Sleeves (No Suffix)
• Straight Lead Version in Plastic Sleeves (“–1” Suffix)
• Lead Formed Version in 16 mm Tape and Reel (“T4” Suffix)
• Low Collector–Emitter Saturation Voltage —
VCE(sat) = 0.3 Vdc (Max) @ IC = 500 mAdc
= 0.75 Vdc (Max) @ IC = 2.0 Adc
• High Current–Gain — Bandwidth Product — fT = 65 MHz (Min) @ IC = 100 mAdc
• Annular Construction for Low Leakage — ICBO = 100 nAdc @ Rated VCB
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Base Voltage
VCB
40
Vdc
Collector–Emitter Voltage
VCEO
25
Vdc
Emitter–Base Voltage
VEB
8
Vdc
Collector Current — Continuous
Peak
IC
5
10
Adc
Base Current
IB
1
Adc
Total Device Dissipation @ TC = 25_C
Derate above 25
_C
PD
12.5
0.1
Watts
W/
_C
Total Device Dissipation @ TA = 25_C*
Derate above 25
_C
PD
1.4
0.011
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
Thermal Resistance, Junction to Ambient*
R
θJC
R
θJA
10
89.3
_C/W
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 10 mAdc, IB = 0)
VCEO(sus)
25
—
Vdc
Collector Cutoff Current
(VCB = 40 Vdc, IE = 0)
(VCB = 40 Vdc, IE = 0, TJ = 125_C)
ICBO
—
—
100
100
nAdc
Emitter Cutoff Current (VBE = 8 Vdc, IC = 0)
IEBO
—
100
nAdc
* When surface mounted on minimum pad sizes recommended.
(continued)
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle [ 2%.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJD200/D
© Motorola, Inc. 1995
MJD200
MJD210
CASE 369A–13
SILICON
POWER TRANSISTORS
5 AMPERES
25 VOLTS
12.5 WATTS
CASE 369–07
MINIMUM PAD SIZES
RECOMMENDED FOR
SURFACE MOUNTED
APPLICATIONS
inches
mm
NPN
PNP
REV 1


Similar Part No. - MJD210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD210 ONSEMI-MJD210 Datasheet
236Kb / 6P
Complementary Plastic Power Transistors
1995 REV 1
logo
Fairchild Semiconductor
MJD210 FAIRCHILD-MJD210 Datasheet
46Kb / 5P
D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD210 ONSEMI-MJD210 Datasheet
87Kb / 6P
Complementary Plastic Power Transistors
August, 2006 ??Rev. 8
logo
Unisonic Technologies
MJD210 UTC-MJD210 Datasheet
164Kb / 5P
PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
logo
ON Semiconductor
MJD210 ONSEMI-MJD210 Datasheet
138Kb / 6P
Complementary Plastic Power Transistors
January, 2011 ??Rev. 10
More results

Similar Description - MJD210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUD43B MOTOROLA-BUD43B Datasheet
112Kb / 4P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
BUD44D2 MOTOROLA-BUD44D2 Datasheet
538Kb / 10P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
BUL45D2 MOTOROLA-BUL45D2 Datasheet
444Kb / 12P
POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
MJD243 MOTOROLA-MJD243 Datasheet
209Kb / 6P
NPN SILICON POWER TRANSISTOR 4 AMPERES 100 VOLTS 12.5 WATTS
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJE18004D2 MOTOROLA-MJE18004D2 Datasheet
466Kb / 12P
POWER TRANSISTORS 5 AMPERES 1000 VOLTS 75 WATTS
MJE200 MOTOROLA-MJE200 Datasheet
255Kb / 6P
5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
logo
ON Semiconductor
BUL45D2 ONSEMI-BUL45D2 Datasheet
444Kb / 12P
POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
1995
logo
List of Unclassifed Man...
S25-50 ETC-S25-50 Datasheet
150Kb / 3P
25 WATTS - 12.5 VOLTS 1.5-30 MHZ
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com