Electronic Components Datasheet Search
  English  ▼

X  

LDO5 Datasheet(PDF) 17 Page - Exar Corporation

Part # LDO5
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

LDO5 Datasheet(HTML) 17 Page - Exar Corporation

Back Button LDO5 Datasheet HTML 13Page - Exar Corporation LDO5 Datasheet HTML 14Page - Exar Corporation LDO5 Datasheet HTML 15Page - Exar Corporation LDO5 Datasheet HTML 16Page - Exar Corporation LDO5 Datasheet HTML 17Page - Exar Corporation LDO5 Datasheet HTML 18Page - Exar Corporation LDO5 Datasheet HTML 19Page - Exar Corporation LDO5 Datasheet HTML 20Page - Exar Corporation LDO5 Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
17/29
Rev. 1.0.1
an RC filter to avoid conducted noise back into
the analog circuitry.
To minimize power dissipation in the 5V LDO it
is recommended to power the drivers from an
external 5V power source either directly or by
using the V5EXT input. Good quality 1uF to
4.7uF capacitors should be connected directly
between the power pins to ground to optimize
driver
performance
and
minimize
noise
coupling to the 5V LDO supply.
The driver outputs should be connected
directly
to
their
corresponding
output
switching FETs, with the Lx output connected
to the drain of the lower FET for the best
current monitoring accuracy.
See ANP-32 “Practical Layout Guidelines for
PowerXR Designs”
LDOS
The XRP7724 has two internal Low Drop Out
(LDO) linear regulators that generate 5.0V
(LDO5) and 3.3V (LDO3_3) for both internal
and external use. Additionally it also has a
1.8V regulator that supplies power for the
XRP7724 internal circuits. Figure 3 shows a
block diagram of the linear power supplies.
LDO5 is the main power input to the device
and is supplied by an external 5.5V to 25V
(VCC) supply. The output of LDO5 should be
bypassed
by
a
good
quality
capacitor
connected between the pin and ground close
to the device. The 5V output is used by the
XRP7724 as a standby power supply and is
also used to power the 3.3V and 1.8V linear
regulators inside the chip and can also supply
power to the 5V gate drivers. The total output
current that the 5V LDO can provide is 130mA.
The XRP7724 consumes approximately 20mA
and the rest is shared between LDO3_3 and
the gate drive currents. During initial power
up, the maximum external load should be
limited to 30mA.
The 3.3V LDO output available on the LDO3_3
pin is solely for customer use and is not used
internally. This supply may be turned on or off
by the configuration registers. Again a good
bypass capacitor should be used.
The AVVD pin is the 1.8V regulator output and
needs to be connected externally to the DVVD
pin on the device. A good quality capacitor
should be connected between this pin and
ground close to the package.
For operation with a VCC of 4.75V to 5.5V, the
LDO5 output needs to be connected directly to
VCC on the board.
CLOCKS AND TIMING
PLL
x4/x8
Reg
Ext Clock Input
GPIO0
¸4/¸8
Reg
Clock
Divider
Ext Clock Output
GPIO1
Frequency
Set Reg
DPWM
To Channels 2
®4
System Clock
Base Frequency
2x
4x
CH1 Timing
Freg Mult Reg
SEL
Sequencer
Fig 18 XRP7724 Timing Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com