Electronic Components Datasheet Search
  English  ▼

X  

LDO5 Datasheet(PDF) 25 Page - Exar Corporation

Part # LDO5
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

LDO5 Datasheet(HTML) 25 Page - Exar Corporation

Back Button LDO5 Datasheet HTML 21Page - Exar Corporation LDO5 Datasheet HTML 22Page - Exar Corporation LDO5 Datasheet HTML 23Page - Exar Corporation LDO5 Datasheet HTML 24Page - Exar Corporation LDO5 Datasheet HTML 25Page - Exar Corporation LDO5 Datasheet HTML 26Page - Exar Corporation LDO5 Datasheet HTML 27Page - Exar Corporation LDO5 Datasheet HTML 28Page - Exar Corporation LDO5 Datasheet HTML 29Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
25/29
Rev. 1.0.1
 Group 0 – is controlled by the chip
ENABLE
or
I2C
command.
Channels
assigned to this group will come up with
the ENABLE signal being high, and will go
down with the ENABLE signal being low.
The control can always be overridden with
an I2C command.
 Since it is recommended to leave the
ENABLE pin floating in the applications
when Vcc = LDO5 = 4.75V to 5.5V, please
contact Exar for how to configure the
channels to come up at the power up in
this scenario.
 Group 1 – can be controlled by any
GPIO/PSIO or I2C command. Channels
assigned to this group will start-up or
shut-down following transitions of a signal
applied to the GPIO/PSIO set to control
the group. The control can always be
overridden with an I2C command.
 Group 2 – can be controlled by any
GPIO/PSIO or I2C command. Channels
assigned to this group will start-up or
shut-down following transitions of a signal
applied to the GPIO/PSIO set to control
the group. The control can always be
overridden with an I2C command.
Start-up
For each channel within a group a user can
specify the following start-up characteristics:
 Ramp Rate – expressed in milliseconds
per Volt. It does not apply to LDO3.3.
 Order – order position of a channel to
come-up within the group
 Wait PGOOD? – selecting this option for
a channel means the next channel in the
order cannot start ramping-up until this
channel reaches the target level and its
Power Good flag gets asserted.
 Delay – an additional time delay a user
can specify to postpone a channel start-up
with respect to the previous channel in the
order.
The
delay
is
expressed
in
milliseconds with a range of 0msec to
255msec.
Shut-down
For each channel within a group a user can
specify
the
following
shut-down
characteristics:
 Ramp Rate – expressed in milliseconds
per Volt. It does not apply to LDO3.3.
 Order – order position of a channel to
come-down within the group
 Wait Stop Thresh? – selecting this
option for a channel means the next
channel in the order cannot start ramping-
down until this channel reaches the Stop
Threshold level. The stop threshold level is
fixed at 600mV.
 Delay – additional time delay a user can
specify to postpone a channel shut-down
with respect to the previous channel in the
order.
The
delay
is
expressed
in
milliseconds with a range of 0msec to
255msec.
MONITORING VCC AND TEMPERATURE
Through I2C commands, the host can read
back voltage applied to the Vcc pin and the
die temperature respectively. The Vcc read
back resolution is 200mV per LSB; the die
temperature read back resolution is 5C° per
LSB. For more on I2C commands please refer
to ANP-38 “XRP7724 Command Set and
Programming Guide”.
PROGRAMMING XRP7724
XRP7724 is a FLASH based device which
means its configuration can be programmed
into FLASH NVM and re-programmed a
number of times.
Programming of FLASH NVM is done through
PA5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com