Electronic Components Datasheet Search
  English  ▼

X  

AD73360ASU Datasheet(PDF) 15 Page - Analog Devices

Part # AD73360ASU
Description  Six-Input Channel Analog Front End
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360ASU Datasheet(HTML) 15 Page - Analog Devices

Back Button AD73360ASU Datasheet HTML 11Page - Analog Devices AD73360ASU Datasheet HTML 12Page - Analog Devices AD73360ASU Datasheet HTML 13Page - Analog Devices AD73360ASU Datasheet HTML 14Page - Analog Devices AD73360ASU Datasheet HTML 15Page - Analog Devices AD73360ASU Datasheet HTML 16Page - Analog Devices AD73360ASU Datasheet HTML 17Page - Analog Devices AD73360ASU Datasheet HTML 18Page - Analog Devices AD73360ASU Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
REV. A
AD73360
–15–
Table VII. Control Register A Description
7
654321
0
RESET
DC2
DC1
DC0
SLB
–
MM
DATA/
PGM
Bit Name
Description
0
DATA/
PGM
Operating Mode (0 = Program; 1 = Data Mode)
1
MM
Mixed Mode (0 = OFF; 1 = Enabled)
2
Reserved
Must Be Programmed to Zero (0)
3
SLB
SPORT Loop-Back Mode (0 = OFF; 1 = Enabled)
4
DC0
Device Count (Bit 0)
5
DC1
Device Count (Bit 1)
6
DC2
Device Count (Bit 2)
7
RESET
Software Reset (0 = OFF; 1 = Initiates Reset)
Table VIII. Control Register B Description
76543210
C E E
MCD2
MCD1
MCD0
SCD1
SCD0
DR1
DR0
Bit Name
Description
0
DR0
Decimation Rate (Bit 0)
1
DR1
Decimation Rate (Bit 1)
2
SCD0
Serial Clock Divider (Bit 0)
3
SCD1
Serial Clock Divider (Bit 1)
4
MCD0
Master Clock Divider (Bit 0)
5
MCD1
Master Clock Divider (Bit 1)
6
MCD2
Master Clock Divider (Bit 2)
7
CEE
Control Echo Enable (0 = OFF; 1 = Enabled)
Table IX. Control Register C Description
76543210
5VEN
RU
PUREF
––––
GPU
Bit Name
Description
0
GPU
Global Power-Up Device (0 = Power Down; 1 = Power Up)
1
Reserved
Must Be Programmed to Zero (0)
2
Reserved
Must Be Programmed to Zero (0)
3
Reserved
Must Be Programmed to Zero (0)
4
Reserved
Must Be Programmed to Zero (0)
5
PUREF
REF Power (0 = Power Down; 1 = Power Up)
6
RU
REFOUT Use (0 = Disable REFOUT; 1 = Enable REFOUT)
7
5VEN
Enable 5 V Operating Mode (0 = Disable 5 V Mode;
1 = Enable 5 V Mode)
CONTROL REGISTER A
CONTROL REGISTER B
CONTROL REGISTER C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com