Electronic Components Datasheet Search
  English  ▼

X  

AD73360ASU Datasheet(PDF) 17 Page - Analog Devices

Part # AD73360ASU
Description  Six-Input Channel Analog Front End
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360ASU Datasheet(HTML) 17 Page - Analog Devices

Back Button AD73360ASU Datasheet HTML 13Page - Analog Devices AD73360ASU Datasheet HTML 14Page - Analog Devices AD73360ASU Datasheet HTML 15Page - Analog Devices AD73360ASU Datasheet HTML 16Page - Analog Devices AD73360ASU Datasheet HTML 17Page - Analog Devices AD73360ASU Datasheet HTML 18Page - Analog Devices AD73360ASU Datasheet HTML 19Page - Analog Devices AD73360ASU Datasheet HTML 20Page - Analog Devices AD73360ASU Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
REV. A
AD73360
–17–
Table XIII. Control Register G Description
76543210
SEEN
RMOD
CH6
CH5
CH4
CH3
CH2
CH1
Bit Name
Description
0
CH1
Channel 1 Select
1
CH2
Channel 2 Select
2
CH3
Channel 3 Select
3
CH4
Channel 4 Select
4
CH5
Channel 5 Select
5
CH6
Channel 6 Select
6
RMOD
Reset Analog Modulator
7
SEEN
Enable Single-Ended Input Mode
Table XIV. Control Register H Description
76543210
INV
TME
CH6
CH5
CH4
CH3
CH2
CH1
Bit Name
Description
0
CH1
Channel 1 Select
1
CH2
Channel 2 Select
2
CH3
Channel 3 Select
3
CH4
Channel 4 Select
4
CH5
Channel 5 Select
5
CH6
Channel 6 Select
6
TME
Test Mode Enable
7
INV
Enable Invert Channel Mode
CONTROL REGISTER G
CONTROL REGISTER H
REGISTER BIT DESCRIPTIONS
Control Register A
CRA:0
Data/Program Mode. This bit controls the operating mode of the AD73360. If CRA:1 is 0, then a 0 in this bit
places the part in Program Mode. If CRA:1 is 0, then a 1 in this bit places the part in Data Mode.
CRA:1
Mixed Mode. If this bit is a 0, then the operating mode is determined by CRA:0. If this bit is a 1, then the
part operates in Mixed Mode.
CRA:2
Reserved. This bit is reserved and should be programmed to 0 to ensure correct operation.
CRA:3
SPORT Loop Back. This is a diagnostic mode. This bit should be set to 0 to ensure correct operation.
CRA:4–6
Device Count Bits. These bits tell the AD73360 how many devices are used in a cascade. All devices in the
cascade should be programmed to the same value ensure correct operation. See Table XVIII.
CRA:7
Reset. Writing a 1 to this bit will initiate a software reset of the AD73360.
Control Register B
CRB:0–1
Decimation Rate. These bits are used to set the decimation of the AD73360. See Table VII.
CRB:2–3
Serial Clock Divider. These bits are used to set the serial clock frequency. See Table VI.
CRB:4–6
Master Clock Divider. These bits are used to set the Master Clock Divider ratio. See Table V.
CRB:7
Control Echo Enable. Setting this bit to a 1 will cause the AD73360 to write out any control words it receives.
This is used as a diagnostic mode. This bit should be set to 0 for correct operation in Mixed Mode or Data Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com