Electronic Components Datasheet Search
  English  ▼

X  

AD734 Datasheet(PDF) 1 Page - Analog Devices

Part # AD734
Description  10 MHz, 4-Quadrant Multiplier/Divider
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734 Datasheet(HTML) 1 Page - Analog Devices

  AD734 Datasheet HTML 1Page - Analog Devices AD734 Datasheet HTML 2Page - Analog Devices AD734 Datasheet HTML 3Page - Analog Devices AD734 Datasheet HTML 4Page - Analog Devices AD734 Datasheet HTML 5Page - Analog Devices AD734 Datasheet HTML 6Page - Analog Devices AD734 Datasheet HTML 7Page - Analog Devices AD734 Datasheet HTML 8Page - Analog Devices AD734 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD734
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
10 MHz, 4-Quadrant
Multiplier/Divider
FEATURES
High Accuracy
0.1% Typical Error
High Speed
10 MHz Full-Power Bandwidth
450 V/ s Slew Rate
200 ns Settling to 0.1% at Full Power
Low Distortion
–80 dBc from Any Input
Third-Order IMD Typically –75 dBc at 10 MHz
Low Noise
94 dB SNR, 10 Hz to 20 kHz
70 dB SNR, 10 Hz to 10 MHz
Direct Division Mode
2 MHz BW at Gain of 100
APPLICATIONS
High Performance Replacement for AD534
Multiply, Divide, Square, Square Root
Modulator, Demodulator
Wideband Gain Control, RMS-DC Conversion
Voltage-Controlled Amplifiers, Oscillators, and Filters
Demodulator with 40 MHz Input Bandwidth
demodulator with input frequencies as high as 40 MHz as long
as the desired output frequency is less than 10 MHz.
The AD734AQ and AD734BQ are specified for the industrial
temperature range of –40
°C to +85°C and come in a 14-lead
ceramic DIP. The AD734SQ/883B, available processed to
MIL-STD-883B for the military range of –55
°C to +125°C, is
available in a 14-lead ceramic DIP.
PRODUCT HIGHLIGHTS
The AD734 embodies more than two decades of experience in
the design and manufacture of analog multipliers, to provide:
1. A new output amplifier design with more than twenty times
the slew-rate of the AD534 (450 V/
µs versus 20 V/µs) for a
full power (20 V pk-pk) bandwidth of 10 MHz.
2. Very low distortion, even at full power, through the use of
circuit and trimming techniques that virtually eliminate all of
the spurious nonlinearities found in earlier designs.
3. Direct control of the denominator, resulting in higher
multiplier accuracy and a gain-bandwidth product at small
denominator values that is typically 200 times greater than
that of the AD534 in divider modes.
4. Very clean transient response, achieved through the use of a
novel input stage design and wide-band output amplifier,
which also ensure that distortion remains low even at high
frequencies.
5. Superior noise performance by careful choice of device
geometries and operating conditions, which provide a
guaranteed 88 dB of dynamic range in a 20 kHz bandwidth.
CONNECTION DIAGRAM
14-Lead DIP
(Q Package and N Package)
14
13
12
11
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
X1
Z1
W OUTPUT
DD DENOMINATOR DISABLE
VP POSITIVE SUPPLY
X2
U0
U1
AD734
VN NEGATIVE SUPPLY
ER REFERENCE VOLTAGE
Z2
U2
Y1
Y2
Z INPUT
X INPUT
DENOMINATOR
INTERFACE
Y INPUT
PRODUCT DESCRIPTION
The AD734 is an accurate high speed, four-quadrant analog
multiplier that is pin-compatible with the industry-standard
AD534 and provides the transfer function W = XY/U. The
AD734 provides a low-impedance voltage output with a full-
power (20 V pk-pk) bandwidth of 10 MHz. Total static error
(scaling, offsets, and nonlinearities combined) is 0.1% of full
scale. Distortion is typically less than –80 dBc and guaranteed.
The low capacitance X, Y and Z inputs are fully differential. In
most applications, no external components are required to
define the function.
The internal scaling (denominator) voltage U is 10 V, derived
from a buried-Zener voltage reference. A new feature provides
the option of substituting an external denominator voltage,
allowing the use of the AD734 as a two-quadrant divider with a
1000:1 denominator range and a signal bandwidth that remains
10 MHz to a gain of 20 dB, 2 MHz at a gain of 40 dB and
200 kHz at a gain of 60 dB, for a gain-bandwidth product of
200 MHz.
The advanced performance of the AD734 is achieved by a
combination of new circuit techniques, the use of a high speed
complementary bipolar process and a novel approach to laser-
trimming based on ac signals rather than the customary dc
methods. The wide bandwidth (>40 MHz) of the AD734’s
input stages and the 200 MHz gain-bandwidth product of the
multiplier core allow the AD734 to be used as a low distortion


Similar Part No. - AD734

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734 AD-AD734 Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD73411 AD-AD73411 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV.0
AD73411BB-40 AD-AD73411BB-40 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV.0
AD73411BB-80 AD-AD73411BB-80 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV.0
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV. 0
More results

Similar Description - AD734

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
500 MHz Four-Quadrant Multiplier
REV.C
AD835 AD-AD835 Datasheet
200Kb / 8P
250 MHz, Voltage Output 4-Quadrant Multiplier
REV.A
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD834 AD-AD834_12 Datasheet
351Kb / 20P
500 MHz Four-Quadrant Multiplier
Rev. F
AD835ARZ AD-AD835ARZ Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
250 MHz, Voltage Output,4-Quadrant Multiplier
Rev. D
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD734 AD-AD734_15 Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD835 AD-AD835_15 Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com