Electronic Components Datasheet Search
  English  ▼

X  

AD734 Datasheet(PDF) 10 Page - Analog Devices

Part # AD734
Description  10 MHz, 4-Quadrant Multiplier/Divider
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD734 Datasheet HTML 4Page - Analog Devices AD734 Datasheet HTML 5Page - Analog Devices AD734 Datasheet HTML 6Page - Analog Devices AD734 Datasheet HTML 7Page - Analog Devices AD734 Datasheet HTML 8Page - Analog Devices AD734 Datasheet HTML 9Page - Analog Devices AD734 Datasheet HTML 10Page - Analog Devices AD734 Datasheet HTML 11Page - Analog Devices AD734 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD734
–10–
REV. C
SQUARE WAVE
SINE WAVE
TRI-WAVE
10k
100k
1M
10M
INPUT FREQUENCY – Hz
100
10
1
100m
10m
1m
100
Figure 16. RMS-DC Converter Performance
LOW DISTORTION MIXER
The AD734’s low noise and distortion make it especially
suitable for use as a mixer, modulator, or demodulator.
Although the AD734’s –3 dB bandwidth is typically 10 MHz
and is established by the output amplifier, the bandwidth of its
X and Y interfaces and the multiplier core are typically in excess
of 40 MHz. Thus, provided that the desired output signal is less
than 10 MHz, as would typically be the case in demodulation,
the AD734 can be used with both its X and Y input signals as
high as 40 MHz. One test of mixer performance is to linearly
combine two closely spaced, equal-amplitude sinusoidal signals
and then mix them with a third signal to determine the mixer’s
2-tone Third-Order Intermodulation Products.
1
2
3
4
5
6
7
10
8
9
11
13
12
14
W
ER
VN
VP
DD
Z1
Z2
X1
X2
U1
U2
U0
Y1
Y2
AD734
0.1 F
0.1 F
+15V
–15V
2k
HP3326A
COMBINE
A + B
DATEL
DVC-8500
HP3326A
HIGH VOLTAGE
OPTION
HP3585A
WITH 10X PROBE
dBm REF TO 50
AD707
Figure 17. AD734 Mixer Test Circuit
Figure 17 shows a test circuit for measuring the AD734’s perfor-
mance in this regard. In this test, two signals, at 10.05 MHz and
9.95 MHz are summed and applied to the AD734’s X interface.
A second 9 MHz signal is applied to the AD734’s Y interface.
The voltage at the U interface is set to 2 V to use the full
dynamic range of the AD734. That is, by connecting the W and
Z1 pins together, grounding the Y2 and X2 pins, and setting
U = 2 V, the overall transfer function is
W
=
X
1Y1
2 V
(14)
and W can be as high as 20 V p-p when X1 = 2 V p-p and Y1 =
10 V p-p. The 2 V p-p signal level corresponds to +10 dBm into
a 50
Ω input termination resistor connected from X1 or Y1 to
ground.
If the two X1 inputs are at frequencies f1 and f2 and the
frequency at the Y1 input is f0, then the two-tone third-order
intermodulation products should appear at frequencies 2f1 – f2
±
f0 and 2f2 – f1
± f
0. Figures 18 and 19 show the output spectra of
the AD734 with f1 = 9.95 MHz, f2 = 10.05 MHz, and f0 =
9.00 MHz for a signal level of f1 & f2 of 6 dBm and f0 of
+24 dBm in Figure 18 and f1 & f2 of 0 dBm and f0 of +24 dBm
in Figure 19. This performance is without external trimming of
the AD734’s X and Y input-offset voltages.
The possible Two Tone Intermodulation Products are at 2
×
9.95 MHz – 10.05 MHz
± 9.00 MHz and 2 × 10.05 –
9.95 MHz
± 9.00 MHz; of these only the third-order products
at 0.850 MHz and 1.150 MHz are within the 10 MHz band-
width of the AD734; the desired output signals are at
0.950 MHz and 1.050 MHz. Note that the difference (Figure
18) between the desired outputs and third-order products is
approximately 78 dB, which corresponds to a computed
third-order intercept point of +46 dBm.
Figure 18. AD734 Third-Order Intermodulation Performance
for f1 = 9.95 MHz, f2 = 10.05 MHz, and f0 = 9.00 MHz and for
Signal Levels of f1 & f2 of 6 dBm and f0 of +24 dBm. All Dis-
played Signal Levels Are Attenuated 20 dB by the 10X Probe
Used to Measure the Mixer’s Output
Figure 19. AD734 Third-Order Intermodulation Performance
for f1 = 9.95 MHz, f2 = 10.05 MHz, and f0 = 9.00 MHz and for
Signal Levels of f1 & f2 of 0 dBm and f0 of +24 dBm. All Dis-
played Signal Levels Are Attenuated 20 dB by the 10X Probe
Used to Measure the Mixer’s Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com