Electronic Components Datasheet Search
  English  ▼

X  

AD737 Datasheet(PDF) 5 Page - Analog Devices

Part # AD737
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737 Datasheet(HTML) 5 Page - Analog Devices

  AD737 Datasheet HTML 1Page - Analog Devices AD737 Datasheet HTML 2Page - Analog Devices AD737 Datasheet HTML 3Page - Analog Devices AD737 Datasheet HTML 4Page - Analog Devices AD737 Datasheet HTML 5Page - Analog Devices AD737 Datasheet HTML 6Page - Analog Devices AD737 Datasheet HTML 7Page - Analog Devices AD737 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD737
REV. C
–5–
Applying the
Figure 12. RMS Input Level vs.
Frequency for Specified Averaging
Error
Figure 15. Pin 2 Input Bias Current
vs. Temperature
Figure 11. CAV vs. Frequency for
Specified Averaging Error
Figure 14. Settling Time vs. RMS
Input Level for Various Values of CAV
Figure 10. Error vs. RMS Input
Voltage (Pin 2) Using Circuit
of Figure 21
Figure 13. Pin 2 Input Bias
Current vs. Supply Voltage
TYPES OF AC MEASUREMENT
The AD737 is capable of measuring ac signals by operating as
either an average responding or a true rms-to-de converter. As
its name implies, an average responding converter computes the
average absolute value of an ac (or ac and dc) voltage or current
by full wave rectifying and low-pass filtering the input signal;
this will approximate the average. The resulting output, a dc
“average” level, is then scaled by adding (or reducing) gain; this
scale factor converts the dc average reading to an rms equivalent
value for the waveform being measured. For example, the aver-
age absolute value of a sine-wave voltage is 0.636 that of VPEAK;
the corresponding rms value is 0.707 times VPEAK. Therefore,
for sine-wave voltages, the required scale factor is 1.11 (0.707
divided by 0.636).
In contrast to measuring the “average” value, true rms measure-
ment is a “universal language” among waveforms, allowing the
magnitudes of all types of voltage (or current) waveforms to be
compared to one another and to dc. RMS is a direct measure of
the power or heating value of an ac voltage compared to that of
dc: an ac signal of 1 volt rms will produce the same amount of
heat in a resistor as a 1 volt dc signal.
CALCULATING SETTLING TIME USING FIGURE 14
The graph of Figure 14 may be used to closely approximate the
time required for the AD737 to settle when its input level is re-
duced in amplitude. The net time required for the rms converter
to settle will be the difference between two times extracted from
the graph – the initial time minus the final settling time. As an
example, consider the following conditions: a 33
µF averaging
capacitor, an initial rms input level of 100 mV and a final (re-
duced) input level of 1 mV. From Figure 14, the initial settling
time (where the 100 mV line intersects the 33
µF line) is around
80 ms. The settling time corresponding to the new or final input
level of 1 mV is approximately 8 seconds. Therefore, the net
time for the circuit to settle to its new value will be 8 seconds
minus 80 ms which is 7.92 seconds. Note that, because of the
smooth decay characteristic inherent with a capacitor/diode
combination, this is the total settling time to the final value (i.e.,
not the settling time to 1%, 0.1%, etc., of final value). Also, this
graph provides the worst case settling time, since the AD737
will settle very quickly with increasing input levels.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com