Electronic Components Datasheet Search
  English  ▼

X  

AD737 Datasheet(PDF) 8 Page - Analog Devices

Part # AD737
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737 Datasheet(HTML) 8 Page - Analog Devices

  AD737 Datasheet HTML 1Page - Analog Devices AD737 Datasheet HTML 2Page - Analog Devices AD737 Datasheet HTML 3Page - Analog Devices AD737 Datasheet HTML 4Page - Analog Devices AD737 Datasheet HTML 5Page - Analog Devices AD737 Datasheet HTML 6Page - Analog Devices AD737 Datasheet HTML 7Page - Analog Devices AD737 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD737
REV. C
–8–
–Applications Circuits
Figure 20. Battery Powered Operation for 200 mV max
RMS Full-Scale Input
Figure 21. External Scale Factor Trim
Figure 22. dB Output Connection
Figure 23. DC Coupled VOS and Scale Factor Trims
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Figure 19. 3 1/2 Digit DVM Circuit
8-Lead Cerdip Package (Q-8)
8-Lead Small Outline Package (SO-8)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
8-Lead Plastic DIP Package (N-8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com