Electronic Components Datasheet Search
  English  ▼

X  

AD7376 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7376
Description  -15 V Operation Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376 Datasheet(HTML) 4 Page - Analog Devices

  AD7376 Datasheet HTML 1Page - Analog Devices AD7376 Datasheet HTML 2Page - Analog Devices AD7376 Datasheet HTML 3Page - Analog Devices AD7376 Datasheet HTML 4Page - Analog Devices AD7376 Datasheet HTML 5Page - Analog Devices AD7376 Datasheet HTML 6Page - Analog Devices AD7376 Datasheet HTML 7Page - Analog Devices AD7376 Datasheet HTML 8Page - Analog Devices AD7376 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7376
–4–
REV. 0
100
75
0
0
32
128
64
96
50
25
RWB
RWA
CODE – Decimal
Figure 2. Wiper To End Terminal
Percent Resistance vs. Code
TEMPERATURE – C
50
–55 –35
105
–15
5
25
45
65
85
49
47
46
45
48
VDD = +15V
VSS = –15V
RAB = 50k NOMINAL
125
Figure 5. Nominal Resistance vs.
Temperature
SUPPLY VOLTAGE (VDD - VSS) – Volts
1.0
510
15
20
25
30
0.8
0.2
0
0.6
0.4
VA = 2.5V
VB = 0V
CODE = 40H
RAB = 50k
Figure 8. Potentiometer Divider
Nonlinearity Error vs. Supply
Voltage
–Typical Performance Characteristics
CODE – Decimal
0.5
–0.5
0
16
128
32
48
64
80
96
112
0.4
0.1
0
–0.2
–0.4
0.3
0.2
–0.1
–0.3
TA = –55 C
TA = +25 C
TA = +85 C
VDD = +15V
VSS = –15V
VA = 2.5V
VB = 0V
RAB = 50k
Figure 3. Resistance Step Position
Nonlinearity Error vs. Code
IWA – mA
10
0
0.25
2
0.5 0.75
1
1.25
1.5 1.75
8
4
2
0
6
TA = +25 C
VDD = +15V
VSS = –15V
RAB = 50k
12
14
20H
01H
10H
40H
7FH
CODE = 70H
Figure 6. Resistance Linearity vs.
Conduction Current
CODE – Decimal
20
0
16
128
32
48
64
80
96
112
10
0
–5
5
VDD = +15V
VSS = –15V
VA = +2.5V
VB = 0V
–55 C < TA < +85 C
RAB = 50k
15
–10
–15
–20
–25
–30
Figure 9.
∆V
WB/
∆T Potentiometer
Mode Tempco
CODE – Decimal
0.25
–0.25
0
16
128
32
48
64
80
96
112
0.20
0.05
0
–0.10
–0.20
0.15
0.10
–0.05
–0.15
TA = –55 C
TA = +25 C
VDD = +15V
VSS = –15V
RAB = 50k
TA = +85 C
Figure 4. Relative Resistance Step
Change from Ideal vs. Code
SUPPLY VOLTAGE (VDD - VSS) – Volts
1.5
510
15
20
25
30
1.2
0.3
0
0.9
0.6
Iw = 100 A, TA = +25 C
DATA = 40H
Figure 7. Resistance Nonlinearity
Error vs. Supply Voltage
TEMPERATURE – C
1000
0
–55 –35
125
–15
5
25
45
65
105
900
600
500
300
100
800
700
400
200
VDD = +5V
VSS = 0V
85
VDD = +5V
VSS = –5V
RAB = 50k
VDD = +15V
VSS = –15V
Figure 10. Wiper Contact
Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com