Electronic Components Datasheet Search
  English  ▼

X  

AD7417 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7417
Description  10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7417 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7417 Datasheet HTML 7Page - Analog Devices AD7417 Datasheet HTML 8Page - Analog Devices AD7417 Datasheet HTML 9Page - Analog Devices AD7417 Datasheet HTML 10Page - Analog Devices AD7417 Datasheet HTML 11Page - Analog Devices AD7417 Datasheet HTML 12Page - Analog Devices AD7417 Datasheet HTML 13Page - Analog Devices AD7417 Datasheet HTML 14Page - Analog Devices AD7417 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. G
AD7416/AD7417/AD7418
–11–
CONFIGURATION REGISTER (ADDRESS 01h)
The Configuration Register is an 8-bit, read/write register that
is used to set the operating modes of the AD7416/AD7417/
AD7418. Bits D7 to D5 control the channel selection as
outlined in Table VI. These bits should always be 0, 0, 0 for
the AD7416. Bits D4 and D3 are used to set the length of the
fault queue. D2 sets the sense of the OTI output. D1 selects
the comparator or interrupt mode of operation, and D0 = 1
selects the shutdown mode (Default D0 = 0).
Table V. Configuration Register
D7
D6
D5
D4
D3
D2
D1
D0
Channel
Fault
OTI
Cmp/
Shut-
Selection
Queue
Polarity
Int
down
The AD7416 contains a temperature-only channel, the
AD7417 has four analog input channels and a temperature
channel, and the AD7418 has two channels, a temperature
channel, and an analog input channel. The temperature chan-
nel address for all parts is the same, CH0. The address for the
analog input channel on the AD7418 is CH4. Table VI outlines
the channel selection on the parts, while Table VII shows the
fault queue settings. D1 and D2 are explained in the OTI Out-
put section.
Table VI. Channel Selection
D7
D6
D5
Channel Selection
00
0Temperature Sensor (All Parts)
00
1
AIN1 (AD7417 Only)
01
0
AIN2 (AD7417 Only)
01
1
AIN3 (AD7417 Only)
10
0
AIN4 (AD7417) and AIN (AD7418)
Table VII. Fault Queue Settings
D4
D3
Number of Faults
00
1 (Power-Up Default)
01
2
10
4
11
6
THYST SETPOINT REGISTER (ADDRESS 02h)
The THYST Setpoint Register is a 16-bit, read/write register whose
nine MSBs store the THYST setpoint in twos complement for-
mat equivalent to the nine MSBs of the Temperature Value
Register. Bits 6 to 0 are unused.
TOTI SETPOINT REGISTER (ADDRESS 03h)
The TOTI Setpoint Register is a 16-bit, read/write register
whose nine MSBs store the TOTI setpoint in twos complement
format equivalent to the nine MSBs of the Temperature Value
Register. Bits 6 to 0 are unused.
Table VIII. Setpoint Registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
MSB
B7
B6
B5
B4
B3
B2
B1
LSB
ADC VALUE REGISTER (ADDRESS 04h)
The ADC Value Register is a 16-bit, read-only register whose
10 MSBs store the value produced by the ADC in binary for-
mat. Bits 5 to 0 are unused. Table IX shows the ADC Value
Register with 10 MSBs containing the ADC conversion request.
Table IX. ADC Value Register
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
MSB
B8
B7
B6
B5
B4
B3
B2
B1
LSB
ADC Transfer Function
The designed code transitions occur at successive integer LSB
values (i.e., 1 LSB, 2 LSB, and so on). The LSB size = VREF/
1024. The ideal transfer function characteristic for the AD7417
and AD7418 ADC is shown in Figure 7.
111...111
111...110
111...000
011...111
000...010
000...001
000...000
0V 1/2LSB
+VREF – 1LSB
ANALOG INPUT
1LSB = V REF/1024
Figure 7. Ideal Transfer Function Characteristic
for the AD7417/AD7418
CONFIG2 REGISTER (ADDRESS 05h)
A second configuration register is included in the AD7417/
AD7418 for the functionality of the CONVST pin. It is an 8-bit
register with Bits D5 to D0 being left at 0. Bit D7 determines
whether the AD7417/AD7418 should be operated in its default
mode (D7 = 0), performing conversions every 355
µs or in its
CONVST pin mode (D7 = 1), where conversions will start only
when the
CONVST pin is used. Bit 6 contains the Test 1 Bit.
When this bit is 0, the I2C filters are enabled (default). A 1
disables the filters.
Table X. CONFIG2 Register
D7
D6
D5
D4
D3
D2
D1
D0
Conversion Mode
Test 1
0
0
0
0
0
0
SERIAL BUS INTERFACE
Control of the AD7416/AD7417/AD7418 is carried out via the
I2C compatible serial bus. The AD7416/AD7417/AD7418 is
connected to this bus as a slave device, under the control of a
master device, e.g., the processor.
SERIAL BUS ADDRESS
As with all I
2C compatible devices, the AD7416/AD7417/AD7418
have a 7-bit serial address. The four MSBs of this address for the
AD7416 are set to 1001; the AD7417 are set to 0101, while the
three LSBs can be set by the user by connecting the A2 to A0
pins to either VDD or GND. By giving them different addresses, up
to eight AD7416/AD7417s can be connected to a single serial bus,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com