Electronic Components Datasheet Search
  English  ▼

X  

AD7417 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7417
Description  10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7417 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7417 Datasheet HTML 8Page - Analog Devices AD7417 Datasheet HTML 9Page - Analog Devices AD7417 Datasheet HTML 10Page - Analog Devices AD7417 Datasheet HTML 11Page - Analog Devices AD7417 Datasheet HTML 12Page - Analog Devices AD7417 Datasheet HTML 13Page - Analog Devices AD7417 Datasheet HTML 14Page - Analog Devices AD7417 Datasheet HTML 15Page - Analog Devices AD7417 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. G
–12–
AD7416/AD7417/AD7418
or the addresses can be set to avoid conflicts with other devices
on the bus. The four MSBs of this address for the AD7418 are set
to 0101, while the three LSBs are all set to zero.
If a serial communication occurs during a conversion operation,
the conversion will stop and will restart after the communication.
The serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a start
condition, defined as a high-to-low transition on the serial
data line, SDA, while the serial clock line, SCL, remains
high. This indicates that an address/data stream will follow.
All slave peripherals connected to the serial bus respond to
the 7-bit address (MSB first) plus an R/
W bit, which deter-
mines the direction of the data transfer, i.e., whether data
will be written to or read from the slave device.
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the low
period before the ninth clock pulse, known as the Acknowl-
edge bit. All other devices on the bus now remain idle while
the selected device waits for data to be read from or written
to it. If the R/
W bit is a 0, then the master will write to the
slave device. If the R/
W bit is a 1, then the master will read
from the slave device.
2. Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data followed by an Acknowledge bit
from the receiver of data. Transitions on the data line must
occur during the low period of the clock signal and remain
stable during the high period, since a low-to-high transition
when the clock is high may be interpreted as a stop signal.
3. When all data bytes have been read or written, stop condi-
tions are established. In write mode, the master will pull the
data line high during the 10th clock pulse to assert a stop
condition. In read mode, the master device will pull the data
line high during the low period before the 9th clock pulse.
This is known as No Acknowledge. The master will then take
the data line low during the low period before the 10th clock
pulse, then high during the 10th clock pulse to assert a stop
condition.
Any number of bytes of data may be transferred over the serial
bus in one operation, but it is not possible to mix read and write
in one operation because the type of operation is determined at
the beginning and cannot subsequently be changed without
starting a new operation.
WRITING TO THE AD7416/AD7417/AD7418
Depending on the register being written to, there are three
different writes for the AD7416/AD7417/AD7418.
1. Writing to the Address Pointer Register for a subsequent read.
In order to read data from a particular register, the Address
Pointer Register must contain the address of that register. If
it does not, the correct address must be written to the Address
Pointer Register by performing a single-byte write operation,
as shown in Figure 8. The write operation consists of the
serial bus address followed by the address pointer byte. No
data is written to any of the data registers.
2. Writing a single byte of data to the configuration registers or
to the TOTI, THYST registers.
The Configuration Register is an 8-bit register, so only one
byte of data can be written to it. If only 8-bit temperature
comparisons are required, the temperature LSB can be
ignored in TOTI and THYST, and only eight bits need be
written to the TOTI and THYST registers.
Writing a single byte of data to one of these registers consists
of the serial bus address, the data register address written to
R/
W
1
SCL
SDA
00
1
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
ACK. BY
AD7416
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
ACK. BY
AD7416
9
Figure 8. Writing to the Address Pointer Register to Select a Data Register for a Subsequent Read Operation
R/
W
1
SCL
SDA
00
1
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
ACK. BY
AD7416
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
ACK. BY
AD7416
9
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
AD7416
STOP BY
MASTER
FRAME 3
DATA BYTE
19
SCL (CONTINUED)
SDA (CONTINUED)
Figure 9. Writing to the Address Pointer Register Followed by a Single Byte of Data to the Selected Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com