Electronic Components Datasheet Search
  English  ▼

X  

MCP3901 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3901
Description  Energy Meter Reference Design
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3901_12 Datasheet HTML 7Page - Microchip Technology MCP3901_12 Datasheet HTML 8Page - Microchip Technology MCP3901_12 Datasheet HTML 9Page - Microchip Technology MCP3901_12 Datasheet HTML 10Page - Microchip Technology MCP3901_12 Datasheet HTML 11Page - Microchip Technology MCP3901_12 Datasheet HTML 12Page - Microchip Technology MCP3901_12 Datasheet HTML 13Page - Microchip Technology MCP3901_12 Datasheet HTML 14Page - Microchip Technology MCP3901_12 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
MCP3901 AND PIC18F65J90
ENERGY METER
REFERENCE DESIGN
© 2012 Microchip Technology Inc.
DS51968A-page 11
Chapter 1. Product Overview
1.1
INTRODUCTION
The MCP3901 and PIC18F65J90 Energy Meter Reference Design is a fully functional
IEC Class 0.5 compliant single-phase meter. This low-cost design does not use any
transformers and requires few external components. The PIC18F65J90 directly drives
the LCD, and includes both an isolated USB connection for meter calibration and
access to the device power calculations. The system calculates active energy, active
power, RMS current, RMS voltage, reactive energy, reactive power, apparent power
and other typical power quantities.
The Microchip Energy Meter 1-Phase Software is used to calibrate and monitor the
system, and can be used to create custom calibration setups. For some accuracy
requirements, only a single point calibration may be needed. The energy meter
software offers an automated step-by-step calibration process that can be used to
quickly calibrate energy meters.
FIGURE 1-1:
MCP3901 and PIC18F65J90 Single-Phase Energy Meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com