Electronic Components Datasheet Search
  English  ▼

X  

MCP3901 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3901
Description  Energy Meter Reference Design
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3901_12 Datasheet HTML 13Page - Microchip Technology MCP3901_12 Datasheet HTML 14Page - Microchip Technology MCP3901_12 Datasheet HTML 15Page - Microchip Technology MCP3901_12 Datasheet HTML 16Page - Microchip Technology MCP3901_12 Datasheet HTML 17Page - Microchip Technology MCP3901_12 Datasheet HTML 18Page - Microchip Technology MCP3901_12 Datasheet HTML 19Page - Microchip Technology MCP3901_12 Datasheet HTML 20Page - Microchip Technology MCP3901_12 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
MCP3901 AND PIC18F65J90 ENERGY
METER REFERENCE DESIGN
© 2012 Microchip Technology Inc.
DS51968A-page 17
Chapter 3. Calculation Engine and Register Description
3.1
CALCULATION ENGINE SIGNAL FLOW SUMMARY
RMS voltage, RMS current, Active Power, Reactive Power and Apparent Power, and
the calibration output pulse are all calculated through the following process described
in Figure 3-1. The calibration registers for each calculation are shown as well as the
output registers.
FIGURE 3-1:
PIC18F65J90 Calculation Engine Signal Flow
X
X2
Σ
X
Σ
OFFSET_POWER_ACT:
32
Φ
X2
Σ
OFFSET_V_RMS:
16
16/24-bit
ΔΣ ADC
ADC
CURRENT
Digital to
Frequency
Converter
/
Active Power
RMS Current
RMS Voltage
X
X
X
X
Apparent Power
X
X
OFFSET_I_RMS:
16
16/24-bit DS ADC
X
Σ
Reactive Power
Φ Correction
90°
with
O
FFSET_POWER_REACT:32
ADC
Digital to
Frequency
Converter
/
VOLTAGE
PH
ASE_COMPENSATION:8
Σ
Σ
GAIN_
_90:
8
X
COMPENSATION
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com