Electronic Components Datasheet Search
  English  ▼

X  

AD7450AR Datasheet(PDF) 19 Page - Analog Devices

Part # AD7450AR
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450AR Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7450AR Datasheet HTML 15Page - Analog Devices AD7450AR Datasheet HTML 16Page - Analog Devices AD7450AR Datasheet HTML 17Page - Analog Devices AD7450AR Datasheet HTML 18Page - Analog Devices AD7450AR Datasheet HTML 19Page - Analog Devices AD7450AR Datasheet HTML 20Page - Analog Devices AD7450AR Datasheet HTML 21Page - Analog Devices AD7450AR Datasheet HTML 22Page - Analog Devices AD7450AR Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–19–
AD7450
Figure 23. Exiting Power Down Mode
SDATA
CS
INVALID DATA
SCLK
116
VALID DATA
1
A
THE PART BEGINS
TO POWER UP
THE PART IS FULLY POWERED
UP WITH VIN FULLY ACQUIRED
10
10
16
tPOWERUP
In order to exit this mode of operation and power the
AD7450 up again, a dummy conversion is performed.
On
the falling edge of
CS the device will begin to power up,
and will continue to power up as long as
CS is held low
until after the falling edge of the 10th SCLK. The device
will be fully powered up after 1µsec has elapsed and, as
shown in Figure 23, valid data will result from the next
conversion.
If
CS is brought high before the 10th falling edge of
SCLK, the AD7450 will again go back into power-down.
This avoids accidental power-up due to glitches on the
CS
line or an inadvertent burst of eight SCLK cycles while
CS is low. So although the device may begin to power up
on the falling edge of
CS, it will again power-down on the
rising edge of
CS as long as it occurs before the 10th
SCLK falling edge.
CS
THREE STATE
SCLK
SDATA
12
10
Figure 22. Entering Power Down Mode
Power up Time
The power up time of the AD7450 is typically 1µsec,
which means that with any frequency of SCLK up to
18MHz, one dummy cycle will always be sufficient to
allow the device to power-up.
Once the dummy cycle is
complete, the ADC will be fully powered up and the input
signal will be acquired properly.
The quiet time tQUIET
must still be allowed from the point at which the bus goes
back into three-state after the dummy conversion, to the
next falling edge of
CS.
When running at the maximum throughput rate of
1MSPS, the AD7450 will power up and acquire a signal
within ±0.5LSB in one dummy cycle, i.e. 1µs.
When
powering up from the power-down mode with a dummy
cycle, as in Figure 23, the track and hold, which was in
hold mode while the part was powered down, returns to
track mode after the first SCLK edge the part receives
after the falling edge of
CS. This is shown as point A in
Figure 23.
Although at any SCLK frequency one dummy cycle is
sufficient to power the device up and acquire VIN, it does
not necessarily mean that a full dummy cycle of 16
SCLKs must always elapse to power up the device and
acquire VIN fully; 1µs will be sufficient to power the de-
vice up and acquire the input signal.
For example, if a 5MHz SCLK frequency was applied to
the ADC, the cycle time would be 3.2µs (i.e. 1/(5MHz)
x 16). In one dummy cycle, 3.2µs, the part would be
powered up and VIN acquired fully. However after 1µs
with a 5MHz SCLK only 5 SCLK cycles would have
elapsed. At this stage, the ADC would be fully powered
up and the signal acquired. So, in this case the
CS can
be brought high after the 10th SCLK falling edge and
brought low again after a time tQUIET to initiate the con-
version.
When power supplies are first applied to the AD7450,
the ADC may either power up in the power-down mode
or normal mode. Because of this, it is best to allow a
dummy cycle to elapse to ensure the part is fully powered
up before attempting a valid conversion. Likewise, if the
user wishes the part to power up in power-down mode,
then the dummy cycle may be used to ensure the device is
in power-down by executing a cycle such as that shown in
Figure 22.
Once supplies are applied to the AD7450, the power up
time is the same as that when powering up from the
power-down mode. It takes approximately 1µs to power
up fully if the part powers up in normal mode. It is not
necessary to wait 1µs before executing a dummy cycle to
ensure the desired mode of operation. Instead, the
dummy cycle can occur directly after power is supplied to
the ADC. If the first valid conversion is then performed
directly after the dummy conversion, care must be taken
to ensure that adequate acquisition time has been al-
lowed.
As mentioned earlier, when powering up from the power-
down mode, the part will return to track upon the first
SCLK edge applied after the falling edge of
CS. How-
ever, when the ADC powers up initially after supplies are
applied, the track and hold will already be in track.
This
means if (assuming one has the facility to monitor the
ADC supply current) the ADC powers up in the desired
mode of operation and thus a dummy cycle is not re-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com