Electronic Components Datasheet Search
  English  ▼

X  

AD7450AR Datasheet(PDF) 24 Page - Analog Devices

Part # AD7450AR
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450AR Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7450AR Datasheet HTML 16Page - Analog Devices AD7450AR Datasheet HTML 17Page - Analog Devices AD7450AR Datasheet HTML 18Page - Analog Devices AD7450AR Datasheet HTML 19Page - Analog Devices AD7450AR Datasheet HTML 20Page - Analog Devices AD7450AR Datasheet HTML 21Page - Analog Devices AD7450AR Datasheet HTML 22Page - Analog Devices AD7450AR Datasheet HTML 23Page - Analog Devices AD7450AR Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–24–
AD7450
0.1968 (5.0 0)
0.1890 (4.8 0)
85
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PL ANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1 .27)
BSC
0.0 098 (0.2 5)
0.0 075 (0.1 9)
0.0 500 (1.2 7)
0.0 160 (0.4 1)
8°
0°
0 .0196 (0.5 0)
0 .0099 (0.2 5)
x45 °
8-lead SOIC (SO-8)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-lead microSOIC (RM-8)
8
5
4
1
0.122 (3.10)
0.114 (2.90)
0 .199 (5.05)
0 .187 (4.75)
PIN 1
0.0 256 (0 .65) BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PL AN E
0.006 (0.15)
0.002 (0.05)
0.018 (0.46)
0.008 (0.20)
0.043 (1.09)
0.037 (0.94)
0.120 (3.05)
0.112 (2.84)
0.011 (0.28)
0.003 (0.08)
0.028 (0.71)
0.016 (0.41)
33°
27°
0.120 (3.05)
0.112 (2.84)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com