Electronic Components Datasheet Search
  English  ▼

X  

AD7484 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7484
Description  3MSPS, 14-Bit SAR ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7484 Datasheet(HTML) 5 Page - Analog Devices

  AD7484 Datasheet HTML 1Page - Analog Devices AD7484 Datasheet HTML 2Page - Analog Devices AD7484 Datasheet HTML 3Page - Analog Devices AD7484 Datasheet HTML 4Page - Analog Devices AD7484 Datasheet HTML 5Page - Analog Devices AD7484 Datasheet HTML 6Page - Analog Devices AD7484 Datasheet HTML 7Page - Analog Devices AD7484 Datasheet HTML 8Page - Analog Devices AD7484 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. PrC
7/13/01
PRELIMINARY TECHNICAL DATA
–5–
AD7484
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Description
AVDD
Positive power supply for analog circuitry.
CBIAS
Decoupling pin for internal bias voltage. A 100nF capacitor should be placed between this pin and
AGND.
AGND
Power supply ground for analog circuitry.
VIN
Analog input. Single-ended analog input channel.
VREF1
Reference Output. VREF1 connects to the output of the internal 2.5V reference. A 1µF capacitor must
be placed between this pin and AGND.
VREF2
Reference Input. A 1µF capacitor must be placed between this pin and AGND. When using an external
voltage reference source, the reference voltage should be applied to this pin.
VREF3
Reference decoupling pin. When using the internal reference, a 100nF must be connected from this pin
to AGND. When using an external reference source, this pin should be connected directly to AGND.
STBY
Standby logic input. When this pin is logic high, the device will be placed in Standby mode. See Power
Saving Section for further details.
NAP
Nap logic input. When this pin is logic high, the device will be placed in a very low power mode. See
Power Saving Section for further details.
DVDD
Positive power supply for digital circuitry.
DGND
Ground reference for digital circuitry.
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin will determine at what voltage
the interface logic of the AD7484 will operate.
CONVST
Convert Start Logic Input. A conversion is initiated on the falling edge of
CONVST signal. The input
track/hold amplifier goes from track mode to hold mode and the conversion process commences.
RESET
Reset Logic Input. A logic 0 on this pin resets the internal state machine and terminates a conversion
that may be in progress. Holding this pin low keeps the part in a reset state.
MODE2
Operating Mode Logic Input. See Table 3 for details.
MODE1
Operating Mode Logic Input. See Table 3 for details.
CLIP
Logic input. A logic high on this pin enables output clipping. In this mode, any input voltage that is
greater than positive full scale or less than negative full scale will be clipped to all 1’s or all 0’s
respectively. Further details are given in the Offset / Overrange setion.
CS
Chip Select Logic Input. This pin is used in conjunction with
RD to access the conversion result. The
data bus is brought out of tri-state and the current contents of the output register driven onto the data
lines following the falling edge of both
CS and RD. CS is also used in conjunction with WRITE to
perform a write to the Offset Register.
CS can be hardwired permanently low.
RD
Read Logic Input. Used in conjunction with
CS to access the conversion result.
WRITE
Write Logic Input. Used in conjunction with
CS to write data to the Offset Register. When the desired
offset word has been placed on the data bus, the WRITE line should be pulsed high. It is the falling
edge of this pulse which latches in the word into the Offset Register.
BUSY
Busy Logic Output. This pin indicates the status of the conversion process. The
BUSY signal goes low
after the falling edge of
CONVST and stays low for the duration of the conversion. In Parallel Mode 2,
the
BUSY signal returns high when the conversion result has been clocked into the output register. In
Parallel Mode 1, the
BUSY signal returns high as soon as the conversion has been completed but the
conversion result does not get clocked into the output register until the falling edge of the next
CONVST pulse.
D0 - D13
Data I/O Bits (D13 is MSB). These are tri-state pins that are controlled by
CS, RD and WRITE.
The operating voltage level for these pins is determined by the VDRIVE input.
D14
Data Output Bit for overranging. If the over range feature is not used, this pin should be pulled to
DGND via a 100k
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com