Electronic Components Datasheet Search
  English  ▼

X  

AD7484 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7484
Description  3MSPS, 14-Bit SAR ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7484 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7484 Datasheet HTML 4Page - Analog Devices AD7484 Datasheet HTML 5Page - Analog Devices AD7484 Datasheet HTML 6Page - Analog Devices AD7484 Datasheet HTML 7Page - Analog Devices AD7484 Datasheet HTML 8Page - Analog Devices AD7484 Datasheet HTML 9Page - Analog Devices AD7484 Datasheet HTML 10Page - Analog Devices AD7484 Datasheet HTML 11Page - Analog Devices AD7484 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. PrC
7/13/01
PRELIMINARY TECHNICAL DATA
7/13/01 5 PM
AD7484
– 10 –
Figure 11. AD7484 Typical Connection Diagram
PARALLEL INTERFACE
The AD7484 features two parallel interfacing modes.
These modes are selected by the Mode pins as detailed in
Table 3.
2
e
d
o
M1
e
d
o
M
d
e
s
U
t
o
N0
0
1
e
d
o
M
l
e
l
l
a
r
a
P0
1
2
e
d
o
M
l
e
l
l
a
r
a
P1
0
d
e
s
U
t
o
N1
1
Table 3. AD7484 Operating Modes
In Parallel Mode 1, the data in the output register is up-
dated and available for reading when
BUSY returns high
at the end of a conversion. This mode should be used if
the conversion data is required immediately after the con-
version has completed. An example where this may be of
use is if the AD7484 were operating at much lower
throughput rates in conjunction with Nap Mode (for
power-saving reasons) and the input signal being com-
pared with set limits. If the limits were exceeded, the
ADC would then be woken up and commence sampling at
full speed. Figure 12 shows a timing diagram for the
AD7484 operating in Parallel Mode 1.
In Parallel Mode 2, the data in the output register is not
updated until the next falling edge of
CONVST. This
mode could be used where a single sample delay is not
vital to the system operation. This may occur, for ex-
ample, in a system where a large amount of samples are
taken at high speed before a Fast Fourier Transform is
performed for frequency analysis of the input signal. Fig-
ure 13 shows a timing diagram for the AD7484 operating
in Parallel Mode 2.
Reading Data from the AD7484
Data is read from the part via a 15-bit parallel data bus
with the standard
CS and RD signals. The CS and RD
signals are internally gated to enable the conversion result
onto the data bus. The data lines D0 to D14 leave their
high impedance state when both
CS and RD are logic low.
Therefore,
CS may be permanently tied logic low if re-
quired and the
RD signal used to access the conversion
result. Figures 12 and 13 show timing specifications
called tQUIET and tQUIET2. The quiet time, tQUIET, is the
amount of time that should be left after any data bus activ-
ity before the next conversion is initiated. The second
quiet time, tQUIET2, is the period during a conversion where
activity on the data bus should be avoided. Reading a re-
sult from the AD7484 while the latter half of the
conversion is in progress will result in the degradation of
performance by about TBD dB.
Writing to the AD7484
The AD7484 features a user accessible offset register.
This allows the bottom of the transfer function to be
shifted by ±200mV. This feature is explained in more
detail in the Offset / Overrange section.
To write to the offset register a 15-bit word is written to
the AD7484 with the 12 LSBs containing the offset value
in 2’s complement format. The 3 MSBs must be set to
zero. The offset value must be within the range -1310 to
+1310, corresponding to an offset from -200mV to
+200mV. The value written to the offset register is stored
and used until power is removed from the device. The
value stored may be updated at any time between conver-
sions by another write to the device. Table 4 shows some
examples of offset register values and their effective offset
voltage. Figure 14 shows a timing diagram for writing to
the AD7484.
Typical Connection
Figure 11 shows a typical connection diagram for the
AD7484 operating in Parallel Mode 1. Conversion is
initiated by a falling edge on
CONVST. Once CONVST
goes low, the
BUSY signal goes low and at the end of
conversion, the rising edge of
BUSY is used to activate an
Interrupt Service Routine. The
CS and RD lines are then
activated to read the 14 data bits (15 bits if using the
overrange feature).
In Figure 11 the VDRIVE pin is tied to DVDD, which results
in logic output levels being either 0 V or DVDD. The volt-
age applied to VDRIVE controls the voltage value of the
output logic signals. For example, if DVDD is supplied by
a 5 V supply and VDRIVE by a 3 V supply, the logic output
levels would be either 0 V or 3 V. This feature allows the
AD7484 to interface to 3 V devices while still enabling the
ADC to process signals at 5 V supply.
Table 4. Offset Register Examples
Code (De c) D14-D12 D11-D0 (2's Comp) Offset (mV)
-1310
000
101011100010
-200
-512
000
111000000000
-78.12
+256
000
000100000000
+39.06
+1310
000
010100011110
+200
AD7484
AVDD
1nF
ANALOG
SUPPLY
4.75V - 5.25V
REF1
µC/µP
VIN
0V to
+2.5V
0.47µF
PARALLEL
INTERFACE
D0-D14
CS
CONVST
RD
BUSY
VDRIVE
DVDD
10µF
47µF
0.1µF
0.47µF
REF2
REF3
0.1µF
STBY
NAP
CLIP
WRITE
MODE2
MODE1
RESET
0.1µF
VBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com