Electronic Components Datasheet Search
  English  ▼

X  

MJD47 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJD47
Description  NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD47 Datasheet(HTML) 4 Page - Motorola, Inc

  MJD47 Datasheet HTML 1Page - Motorola, Inc MJD47 Datasheet HTML 2Page - Motorola, Inc MJD47 Datasheet HTML 3Page - Motorola, Inc MJD47 Datasheet HTML 4Page - Motorola, Inc MJD47 Datasheet HTML 5Page - Motorola, Inc MJD47 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJD47 MJD50
4
Motorola Bipolar Power Transistor Device Data
0.02
0.2
2
0.1
0.05
0.5
1
5
IC, COLLECTOR CURRENT (AMPS)
TJ = 25°C
VCC = 200 V
IC/IB = 5
2
1
0.5
0.2
0.1
0.05
Figure 7. Turn–On Time
Figure 8. Turn-Off Time
IC, COLLECTOR CURRENT (AMPS)
0.01
1
0.5
0.1
0.05
0.02
0.02
0.2
2
0.1
0.05
0.5
1
tr
td
ts
tf
TJ = 25°C
VCC = 200 V
IC/IB = 5
0.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com