Electronic Components Datasheet Search
  English  ▼

X  

MJD47 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJD47
Description  NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD47 Datasheet(HTML) 1 Page - Motorola, Inc

  MJD47 Datasheet HTML 1Page - Motorola, Inc MJD47 Datasheet HTML 2Page - Motorola, Inc MJD47 Datasheet HTML 3Page - Motorola, Inc MJD47 Datasheet HTML 4Page - Motorola, Inc MJD47 Datasheet HTML 5Page - Motorola, Inc MJD47 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
High Voltage Power Transistors
DPAK For Surface Mount Applications
Designed for line operated audio output amplifier, switchmode power supply drivers
and other switching applications.
• Lead Formed for Surface Mount Applications in Plastic Sleeves (No Suffix)
• Straight Lead Version in Plastic Sleeves (“–1” Suffix)
• Lead Formed Version in 16 mm Tape and Reel (“T4” Suffix)
• Electrically Similar to Popular TIP47, and TIP50
• 250 and 400 V (Min) — VCEO(sus)
• 1 A Rated Collector Current
MAXIMUM RATINGS
Rating
Symbol
MJD47
MJD50
Unit
Collector–Emitter Voltage
VCEO
250
400
Vdc
Collector–Base Voltage
VCB
350
500
Vdc
Emitter–Base Voltage
VEB
5
Vdc
Collector Current — Continuous
Peak
IC
1
2
Adc
Base Current
IB
0.6
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
15
0.12
Watts
W/
_C
Total Power Dissipation* @ TA = 25_C
Derate above 25
_C
PD
1.56
0.0125
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
8.33
_C/W
Thermal Resistance, Junction to Ambient*
R
θJA
80
_C/W
Lead Temperature for Soldering Purpose
TL
260
_C
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1) MJD47
(IC = 30 mAdc, IB = 0)
MJD50
VCEO(sus)
250
400
—
—
Vdc
Collector Cutoff Current
(VCE = 150 Vdc, IB = 0)
MJD47
(VCE = 300 Vdc, IB = 0)
MJD50
ICEO
—
—
0.2
0.2
mAdc
* When surface mounted on minimum pad sizes recommended.
(continued)
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2%.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJD47/D
© Motorola, Inc. 1995
NPN SILICON
POWER TRANSISTORS
1 AMPERE
250, 400 VOLTS
15 WATTS
MJD47
MJD50
*Motorola Preferred Device
MINIMUM PAD SIZES
RECOMMENDED FOR
SURFACE MOUNTED
APPLICATIONS
inches
mm
CASE 369A–13
CASE 369–07
*
*
REV 1


Similar Part No. - MJD47

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD47 ONSEMI-MJD47 Datasheet
184Kb / 6P
NPN SILICON POWER TRANSISTORS
1995 REV 1
logo
STMicroelectronics
MJD47 STMICROELECTRONICS-MJD47 Datasheet
87Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jan-2000
logo
Fairchild Semiconductor
MJD47 FAIRCHILD-MJD47 Datasheet
44Kb / 4P
High Voltage and High Reliability D-PAK for Surface Mount Applications
MJD47 FAIRCHILD-MJD47 Datasheet
44Kb / 4P
High Voltage and High Reliability D-PAK for Surface Mount Applications
logo
Guangdong Kexin Industr...
MJD47 KEXIN-MJD47 Datasheet
40Kb / 1P
NPN Epitaxial Silicon Transistor
More results

Similar Description - MJD47

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
MJ10020 MOTOROLA-MJ10020 Datasheet
293Kb / 8P
60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
16 ampere complementary silicon power transistors 250 volts 250 watts
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJF47 MOTOROLA-MJF47 Datasheet
160Kb / 6P
NPN SILICON POWER TRANSISTOR 1 AMPERE 250 VOLTS 28 WATTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com