Electronic Components Datasheet Search
  English  ▼

X  

AD7569 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7569
Description  LC2MOS Complete, 8-Bit Analog I/0 Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7569 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7569 Datasheet HTML 2Page - Analog Devices AD7569 Datasheet HTML 3Page - Analog Devices AD7569 Datasheet HTML 4Page - Analog Devices AD7569 Datasheet HTML 5Page - Analog Devices AD7569 Datasheet HTML 6Page - Analog Devices AD7569 Datasheet HTML 7Page - Analog Devices AD7569 Datasheet HTML 8Page - Analog Devices AD7569 Datasheet HTML 9Page - Analog Devices AD7569 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
–6–
REV. B
AD7569/AD7669
ORDERING GUIDE
Relative
Temperature
Accuracy
Package
Model
Range
TMIN –TMAX
Option
1
AD7569JN
0
°C to +70°C
±1 LSB
N-24
AD7569JR
0
°C to +70°C
±1 LSB
R-24
AD7569AQ
–40
°C to +85°C
±1 LSB
Q-24
AD7569SQ
2
–55
°C to +125°C
±1 LSB
Q-24
AD7569BN
–40
°C to +85°C
±0.5 LSB
N-24
AD7569KN
0
°C to +70°C
±0.5 LSB
N-24
AD7569BR
–40
°C to +85°C
±0.5 LSB
R-24
AD7569BQ
–40
°C to +85°C
±0.5 LSB
Q-24
AD7569TQ
2
–55
°C to +125°C
±1/2 LSB
Q-24
AD7569JP
0
°C to +70°C
±1 LSB
P-28A
AD7569SE
2
–55
°C to +125°C
±1 LSB
E-28A
AD7569KP
0
°C to +70°C
±1/2 LSB
P-28A
AD7569TE
2
–55
°C to +125°C
±1/2 LSB
E-28A
AD7669AN
–40
°C to +85°C
±1 LSB
N-28
AD7669JN
0
°C to +70°C
±1 LSB
N-28
AD7669JP
0
°C to +70°C
±1 LSB
P-28A
AD7669AR
–40
°C to +85°C
±1 LSB
R-28
AD7669JR
0
°C to +70°C
±1 LSB
R-28
NOTES
1E = Leadless Ceramic Chip Carrier; N = Plastic DIP; P = Plastic Leaded Chip
Carrier; Q = Cerdip; R = Small Outline SOIC.
2To order MIL-STD-883, Class B processed parts, add /883B to part number.
Contact your local sales office for military data sheet.
AD7569 PIN CONFIGURATIONS
DIP, SOIC
PLCC
LCCC
AD7669 PIN CONFIGURATIONS
DIP, SOIC
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com