Electronic Components Datasheet Search
  English  ▼

X  

AD7569 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7569
Description  LC2MOS Complete, 8-Bit Analog I/0 Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7569 Datasheet(HTML) 3 Page - Analog Devices

  AD7569 Datasheet HTML 1Page - Analog Devices AD7569 Datasheet HTML 2Page - Analog Devices AD7569 Datasheet HTML 3Page - Analog Devices AD7569 Datasheet HTML 4Page - Analog Devices AD7569 Datasheet HTML 5Page - Analog Devices AD7569 Datasheet HTML 6Page - Analog Devices AD7569 Datasheet HTML 7Page - Analog Devices AD7569 Datasheet HTML 8Page - Analog Devices AD7569 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADC SPECIFICATIONS
AD7569
J, A Versions
3
AD7569
AD7669
K, B
AD7569
AD7569
Parameter
J Version
Versions
S Version
T Version
Units
Conditions/Comments
DC ACCURACY
Resolution
3
8
8
8
8
Bits
Total Unadjusted Error
4
±3
±3
±4
±4
LSB typ
Relative Accuracy
4
±1
±1/2
±1
±1/2
LSB max
Differential Nonlinearity
4
±1
±3/4
±1
±3/4
LSB max
No Missing Codes
Unipolar Offset Error
Typical tempco is 10
µV/°C for +1.25 V range; V
SS = 0 V
@ +25
°C
±2
± 1.5
±2
± 1.5
LSB max
TMIN to TMAX
±3
± 2.5
±3
± 2.5
LSB max
Bipolar Zero Offset Error
Typical tempco is 20
µV/°C for + 1.25 V range; V
SS = –5 V
@ +25
°C
±3
± 2.5
±3
± 2.5
LSB max
TMIN to TMAX
± 3.5
±3
±4
± 3.5
LSB max
Full-Scale Error
5
VDD = 5 V
@ +25
°C
–4, +0
–4, +0
–4, +0
–4, +0
LSB max
TMIN to TMAX
–5.5, +1.5
–5.5, +1.5
–7.5, +2
–7.5, +2
LSB max
∆Full Scale/∆V
DD, TA = +25°C
0.5
0.5
0.5
0.5
LSB max
VIN = +2.5 V; ∆VDD = ± 5%
∆Full Scale/∆V
SS, TA = +25°C
0.5
0.5
0.5
0.5
LSB max
VIN = –2.5 V; ∆VSS = ± 5%
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio
4 (SNR)
44
46
44
45
dB min
VIN = 100 kHz full-scale sine wave with fSAMPLING = 400 kHz
6
Total Harmonic Distortion
4 (THD)
48
48
48
48
dB max
VIN = 100 kHz full-scale sine wave with fSAMPLING = 400 kHz
6
Intermodulation Distortion
4 (IMD)
60
60
60
60
dB typ
fa = 99 kHz, fb = 96.7 kHz with fSAMPLING = 400 kHz
Frequency Response
0.1
0.1
0.1
0.1
dB typ
VIN = ± 2.5 V, dc to 200 kHz sine wave
Track/Hold Acquisition Time
7
200
200
300
300
ns typ
ANALOG INPUT
Input Voltage Ranges
Unipolar
0 to +1.25/ +2.5
Volts
VDD = +5 V; VSS = 0 V
Bipolar
±1.25/±2.5
Volts
VDD = +5 V; VSS = –5 V
Input Current
±300
±300
±300
±300
µA max
See equivalent circuit Figure 5
Input Capacitance
10
10
10
10
pF typ
LOGIC INPUTS
CS
, RD, ST, CLK, RESET, RANGE
Input Low Voltage, VINL
0.8
0.8
0.8
0.8
V max
Input High Voltage, VINH
2.4
2.4
2.4
2.4
V min
Input Capacitance
8
10
10
10
10
pF max
CS
, RD, ST, RANGE, RESET
Input Leakage Current
10
10
10
10
µA max
V IN = 0 to VDD
CLK
Input Current
IINL
–1.6
–1.6
–1.6
–1.6
mA max
VIN = 0 V
IINH
40
40
40
40
µA max
VIN = VDD
LOGIC OUTPUTS
DB0–DB7, INT, BUSY
VOL, Output Low Voltage
0.4
0.4
0.4
0.4
V max
ISINK = 1.6 mA
VOH, Output High Voltage
4.0
4.0
4.0
4.0
V min
ISOURCE = 200 µA
DB0–DB7
Floating State Leakage Current
10
10
10
10
µA max
Floating State Output Capacitance
8
10
10
10
10
pF max
Output Coding (Single Supply)
Binary
Output Coding (Dual Supply)
2s Complement
CONVERSION TIME
With External Clock
2
2
2
2
µs max
fCLK = 5 MHz
With Internal Clock, TA = +25°C
1.6
1.6
1.6
1.6
µs min
Using recommended clock components shown in Figure 21.
2.6
2.6
2.6
2.6
µs max
Clock frequency can be adjusted by varying RCLK.
POWER REQUIREMENTS
As per DAC Specifications
NOTES
1
Except where noted, specifications apply for all ranges including bipolar ranges with dual supply operation.
2Temperature ranges are as follows: J, K versions; 0
°C to +70°C
A, B versions; –40
°C to +85°C
S, T versions; –55
°C to +125°C
31 LSB = 4.88 mV for 0 V to +1.25 V range, 9.76 mV for 0 V to +2.5 V and
±1.25 V ranges and 19.5 mV for +2.5 V range.
4See Terminology.
5Includes internal voltage reference error and is calculated after offset error has been adjusted out. Ideal unipolar last code transition occurs at (FS – 3/2 LSB). Ideal bipolar last code transition occurs at
(FS/2 – 3/2 LSB).
6Exact frequencies are 101 kHz and 384 kHz to avoid harmonics coinciding with sampling frequency.
7Rising edge of BUSY to falling edge of ST. The time given refers to the acquisition time, which gives a 3 dB degradation in SNR from the tested figure.
8Sample tested at +25
°C to ensure compliance.
Specifications subject to change without notice.
(VDD = +5 V
5%; VSS
1 = RANGE = AGND
DAC = AGNDDAC = DGND = 0 V; fCLK = 5 MHz external unless other-
wise noted. All specifications TMIN to TMAX unless otherwise noted.) Specifications apply to Mode 1 interface.
AD7569/AD7669
–3–
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com